Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6502 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM6502
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM6502 Datasheet HTML 13Page - STMicroelectronics STM6502 Datasheet HTML 14Page - STMicroelectronics STM6502 Datasheet HTML 15Page - STMicroelectronics STM6502 Datasheet HTML 16Page - STMicroelectronics STM6502 Datasheet HTML 17Page - STMicroelectronics STM6502 Datasheet HTML 18Page - STMicroelectronics STM6502 Datasheet HTML 19Page - STMicroelectronics STM6502 Datasheet HTML 20Page - STMicroelectronics STM6502 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
STM6502, STM6503, STM6504, STM6505
DC and AC parameters
Doc ID 16101 Rev 5
17/29
Table 6.
DC and AC characteristics
Symbol
Parameter
Test conditions(1)
Min.
Typ.(2)
Max.
Unit
VCC
Supply voltage range
Reset output valid - active-low
1.0
5.5
V
ICC
Supply current (inputs in
their inactive state)
STM6502
VCC = 5.0 V
1.2
µA
VCC = 3.0 V
(3)
1.1
µA
STM6503
VCC = 5.0 V, TSR left open
4
5.8
µA
VCC = 3.0 V, TSR left open
(3)
3µA
STM6504
VCC = 5.0 V, TSR left open
4
5.8
µA
VCC = 3.0 V, TSR left open
(3)
3µA
STM6505
VCC = 5.0 V
2.3
3.3
µA
VCC = 3.0 V
(3)
2.2
µA
Output characteristics
VOL
Reset output voltage low
(reset asserted: RST, BLD)
VCC ≥ 4.5 V, sinking 3.2 mA
0.3
V
VCC ≥ 3.3 V, sinking 2.5 mA
0.3
V
VCC ≥ 1.0 V, sinking 0.1 mA
0.3
V
tREC
Reset timeout delay,
factory-programmed
Option A
140
210
280
ms
Option B
240
360
480
ms
VCC monitoring reset thresholds
VRST
Fixed voltage trip point for
VCC monitoring (refer to
Table 7)
–40 to +85 °C
VRST
–2.5%
VRST
VRST
+2.5%
V
25 °C
VRST
–2.0%
VRST
VRST
+2.0%
V
VHYST
Hysteresis of VRST
L, M
0.5%
T, S, R, Z, Y, W, V
1%
VCC to reset delay
VCC falling from
(VRST + 100 mV) to (VRST - 100 mV) at
10 mV/µs(4)
20
µs
VBAT monitoring
VBATTH
Fixed VBAT monitoring
threshold
STM6505 only
1.225
1.25
1.275
V
VBATHYST
VBATTH hysteresis
STM6505 only
8
16
mV
ILI(VBAT)
VBAT input leakage current
STM6505 only
–100
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com