Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM6502 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM6502
Description  Dual push-button Smart ResetTM with user-adjustable setup delays
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6502 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM6502 Datasheet HTML 10Page - STMicroelectronics STM6502 Datasheet HTML 11Page - STMicroelectronics STM6502 Datasheet HTML 12Page - STMicroelectronics STM6502 Datasheet HTML 13Page - STMicroelectronics STM6502 Datasheet HTML 14Page - STMicroelectronics STM6502 Datasheet HTML 15Page - STMicroelectronics STM6502 Datasheet HTML 16Page - STMicroelectronics STM6502 Datasheet HTML 17Page - STMicroelectronics STM6502 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Typical operating characteristics
STM6502, STM6503, STM6504, STM6505
14/29
Doc ID 16101 Rev 5
Figure 12.
Reset threshold (VRST) vs. temperature, “S” threshold option, VCC falling (STM6505)
Figure 13.
VBAT monitoring threshold (VBATTH) vs. temperature, falling (STM6505)
2.85
2.87
2.89
2.91
2.93
2.95
2.97
2.99
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
AM04888v1
1.225
1.23
1.235
1.24
1.245
1.25
1.255
1.26
1.265
1.27
1.275
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
5.75 V
5.5 V
3.3 V
2 V
1.58 V
AM04889v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com