Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IPWR
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWR Datasheet(HTML) 1 Page - Texas Instruments

  ADS8331IPWR Datasheet HTML 1Page - Texas Instruments ADS8331IPWR Datasheet HTML 2Page - Texas Instruments ADS8331IPWR Datasheet HTML 3Page - Texas Instruments ADS8331IPWR Datasheet HTML 4Page - Texas Instruments ADS8331IPWR Datasheet HTML 5Page - Texas Instruments ADS8331IPWR Datasheet HTML 6Page - Texas Instruments ADS8331IPWR Datasheet HTML 7Page - Texas Instruments ADS8331IPWR Datasheet HTML 8Page - Texas Instruments ADS8331IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
SDI
SCLK
SDO
CDAC
SAR
Comparator
Output
Latch
and
3-State
Driver
Conversion
and
Control
Logic
_
+
FS/CS
CONVST
EOC/INT/CDI
RESET
REF+
M
U
X
ADCIN
MUXOUT
IN[0:3]
or
IN[0:7]
COM
REF-
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input
ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
Check for Samples: ADS8331, ADS8332
1
FEATURES
DESCRIPTION
234
•
Low-Power, Flexible Supply Range:
The
ADS8331
is
a
low-power,
16-bit,
500k
samples-per-second (SPS) analog-to-digital converter
–
2.7V to 5.5V Analog Supply
(ADC) with a unipolar, 4-to-1 multiplexer (mux) input.
–
8.7mW (250kSPS in Auto-Nap Mode,
The
device
includes
a
16-bit
capacitor-based
VA = 2.7V, VBD = 1.65V)
successive approximation register (SAR) ADC with
–
14.2mW (500kSPS, VA = 2.7V, VBD = 1.65V)
inherent sample and hold.
•
Up to 500kSPS Sampling Rate
The ADS8332 is based on the same core and
•
Excellent DC Performance:
includes a unipolar 8-to-1 input mux. Both devices
offer a high-speed, wide-voltage serial interface and
–
±1.2 LSB Typ, ±2 LSB Max INL at 2.7V
are capable of daisy-chain operation when multiple
–
±0.6 LSB Typ, –1.0/1.5 LSB Max DNL at 2.7V
converters are used.
–
16-Bit NMC Over Temperature
These converters are available in 24-pin, 4x4 QFN
•
Excellent AC Performance at 5V, fIN = 1kHz:
and 24-pin TSSOP(1) packages and are fully specified
–
91.5dB SNR, 101dB SFDR, –100dB THD
for operation over the industrial –40°C to +85°C
temperature range.
•
Flexible Analog Input Arrangement:
–
On-Chip 4-/8-Channel Mux with Breakout
Low-Power, High-Speed, SAR Converter Family
–
Auto/Manual Channel Select and Trigger
RESOLUTION/TYPE
CHANNELS
500kSPS
1MHz
•
Other Hardware Features:
1
ADS8327
ADS8329
–
On-Chip Conversion Clock (CCLK)
2
ADS8328
ADS8330
16-Bit Pseudo-Diff
–
Software/Hardware Reset
4
ADS8331
—
8
ADS8332
—
–
Programmable Status/Polarity EOC/INT
1
—
ADS7279
–
Daisy-Chain Mode
2
—
ADS7280
–
Global CONVST (Independent of CS)
14-Bit Pseudo-Diff
4
ADS8301
—
–
Deep, Nap, and Auto-Nap Powerdown
8
ADS8302
—
Modes
1
—
ADS7229
–
SPI™/DSP Compatible Serial Interface
12-Bit Pseudo-Diff
2
—
ADS7230
–
Separate I/O Supply: 1.65V to VA
–
SCLK up to 40MHz (VA = VBD = 5V)
BLANKSPACE
•
24-Pin 4x4 QFN and 24-Pin TSSOP(1) Packages
Functional Block Diagram
APPLICATIONS
•
Communications
•
Transducer Interfaces
•
Medical Instruments
•
Magnetometers
•
Industrial Process Control
•
Data Acquisition Systems
•
Automatic Test Equipment
(1)
TSSOP (PW) package available Q1, 2010.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TMS320 is a trademark of Texas Instruments.
3
SPI is a trademark of Motorola, Inc..
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS8331IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8331IPWR TI-ADS8331IPWR Datasheet
912Kb / 39P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IPWR TI-ADS8331IPWR Datasheet
916Kb / 40P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331IPWR TI1-ADS8331IPWR Datasheet
978Kb / 45P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8331IPWR TI1-ADS8331IPWR Datasheet
1Mb / 57P
Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results

Similar Description - ADS8331IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8331 TI-ADS8331 Datasheet
912Kb / 39P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331_1003 TI-ADS8331_1003 Datasheet
916Kb / 40P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8331 TI1-ADS8331_10 Datasheet
978Kb / 45P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
DECEMBER2010
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8331 TI1-ADS8331_14 Datasheet
1Mb / 47P
Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8331 TI1-ADS8331_15 Datasheet
1Mb / 57P
Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com