Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IPWR
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS8331IPWR Datasheet HTML 12Page - Texas Instruments ADS8331IPWR Datasheet HTML 13Page - Texas Instruments ADS8331IPWR Datasheet HTML 14Page - Texas Instruments ADS8331IPWR Datasheet HTML 15Page - Texas Instruments ADS8331IPWR Datasheet HTML 16Page - Texas Instruments ADS8331IPWR Datasheet HTML 17Page - Texas Instruments ADS8331IPWR Datasheet HTML 18Page - Texas Instruments ADS8331IPWR Datasheet HTML 19Page - Texas Instruments ADS8331IPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
f
(kHz)
IN
1
10
100
95
90
85
80
250
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
Temperature(°C)
-50
-25
0
25
50
75
100
93
92
91
90
89
88
87
f
=1.03760kHz, 0.2dB
-
IN
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
f
(kHz)
IN
1
10
100
-65
70
75
80
85
90
95
100
105
-
-
-
-
-
-
-
-
250
VA=VBD=2.7V
V
=2.500V
REF
VA=VBD=5.0V
V
=4.096V
REF
f
(kHz)
IN
1
10
100
105
100
95
90
85
80
75
70
65
250
VA=VBD=2.7V
V
=2.500V
REF
VA=VBD=5.0V
V
=4.096V
REF
f
(kHz)
IN
1
10
100
95
90
85
80
75
70
65
250
VA=VBD=5.0V
V
=4.096V
REF
VA=VBD=2.7V
V
=2.500V
REF
ADS8331
ADS8332
SBAS363 – DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: AC Performance (continued)
At TA = +25°C, VREF (REF+ – REF–) = 4.096V when VA = VBD = 5V or VREF (REF+ – REF–) = 2.5V when VA = VBD = 2.7V,
fSCLK = 21MHz, fSAMPLE = 500kSPS, and fIN = 10kHz, unless otherwise noted.
SIGNAL-TO-NOISE + DISTORTION
SIGNAL-TO-NOISE RATIO
vs TEMPERATURE
vs INPUT FREQUENCY
Figure 26.
Figure 27.
TOTAL HARMONIC DISTORTION
SPURIOUS-FREE DYNAMIC RANGE
vs INPUT FREQUENCY
vs INPUT FREQUENCY
Figure 28.
Figure 29.
SIGNAL-TO-NOISE + DISTORTION
vs INPUT FREQUENCY
Figure 30.
16
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com