Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8331IPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8331IPWR
Description  Low-Power, 16-Bit, 500kSPS, 4-/8-Channel Unipolar Input ANALOG-TO-DIGITAL CONVERTERS with Serial Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8331IPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS8331IPWR Datasheet HTML 25Page - Texas Instruments ADS8331IPWR Datasheet HTML 26Page - Texas Instruments ADS8331IPWR Datasheet HTML 27Page - Texas Instruments ADS8331IPWR Datasheet HTML 28Page - Texas Instruments ADS8331IPWR Datasheet HTML 29Page - Texas Instruments ADS8331IPWR Datasheet HTML 30Page - Texas Instruments ADS8331IPWR Datasheet HTML 31Page - Texas Instruments ADS8331IPWR Datasheet HTML 32Page - Texas Instruments ADS8331IPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
ADS8331
ADS8332
www.ti.com
SBAS363 – DECEMBER 2009
READING THE CONVERSION RESULT
The conversion result is available to the input of the output data register (ODR) at EOC and presented to the
output of the output register at the next falling edge of FS/CS. The host processor can then shift the data out via
the SDO pin at any time except during the quiet zone. This duration is 20ns before and 20ns after the end of
sampling (EOS) period. End of sampling (EOS) is defined as the falling edge of CONVST when Manual-Trigger
mode is used or the end of the third conversion clock (CCLK) after EOC if Auto-Trigger mode is used.
The falling edge of FS/CS should not be placed at the precise moment at the end of a conversion (by default
when EOC goes high). Otherwise, the data could be corrupt. If FS/CS is placed before the end of a conversion,
the previous conversion result is read. If FS/CS is placed after the end of a conversion, the current conversion
result is read.
The conversion result is 16-bit data in straight binary format as shown in Table 6. Generally 16 SCLKs are
necessary, but there are exceptions when more than 16 SCLKs are required (see Table 7). Data output from the
serial output (SDO) is left-adjusted MSB first. The trailing bits are filled with three TAG bits first (if enabled) plus
all '0's. SDO remains low until FS/CS is brought high again.
SDO is active when FS/CS is low. The rising edge of FS/CS 3-states the SDO output.
NOTE
Whenever SDO is not in 3-state (that is, when FS/CS is low and SCLK is running), a
portion of the conversion result is output at the SDO pin. The number of bits depends
on how many SCLKs are supplied. For example, a manual channel select command
cycle requires 4 SCLKs. Therefore, four MSBs of the conversion result are output at
SDO. The exception is when SDO outputs all '1's during the cycle immediately after
any reset (POR, software reset, or external reset).
If SCLK is used as the conversion clock (CCLK) and a continuous SCLK is used, it is not possible to clock out all
16 bits from SDO during the sampling time (6 SCLKs) because of the quiet zone requirement. In this case, it is
better to read the conversion result during the conversion time (36 SCLKs or 48 SCLKs in Auto-Nap mode).
Table 6. Ideal Input Voltages and Output Codes
DESCRIPTION
ANALOG VALUE
DIGITAL OUTPUT
Full-scale range
VREF
STRAIGHT BINARY
Least significant bit (LSB)
VREF/65536
BINARY CODE
HEX CODE
Full-scale
VREF – 1 LSB
1111 1111 1111 1111
FFFF
Midscale
VREF/2
1000 0000 0000 0000
8000
Midscale – 1 LSB
VREF/2– 1 LSB
0111 1111 1111 1111
7FFF
Zero
0 V
0000 0000 0000 0000
0000
TAG Mode
The ADS8331/32 includes a TAG feature that can be used to indicate which channel sourced the converted
result. If TAG mode is enabled, three address bits are added after the LSB of the conversion data is read out
from SDO to indicate which channel corresponds to the result. These address bits are '000' for channel 0, '001'
for channel 1, '010' for channel 2, '011' for channel 3, '100' for channel 4, '101' for channel 5, '110' for channel 6,
and '111' for channel 7. The converter requires at least 19 SCLKs when TAG mode is enabled in order to
transfer the 16-bit conversion result and the three TAG bits.
Daisy-Chain Mode
The ADS8331/32 can operate as a single converter or in a system with multiple converters. System designers
can take advantage of the simple, high-speed, SPI-compatible serial interface by cascading converters in a
single chain when multiple converters are used. The CFR_D5 bit in the Configuration register is used to
reconfigure the EOC/INT status pin as the chain data input (CDI) pin, a secondary serial data input, for the
conversion result from an upstream converter. This configuration is called daisy-chain mode operation. A typical
connection of three converters in daisy-chain mode is shown in Figure 46.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com