| Electronic Components Datasheet Search |
|
EP1M350 Datasheet(PDF) 13 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Datasheet(HTML) 13 Page - Altera Corporation |
|
13 / 34 page ![]() Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet 1–13 Functional Description © December 2009 Altera Corporation Configuration Handbook (Complete Two-Volume Set) Table 1–5 summarizes the concurrent PS configuration modes supported in the enhanced configuration device. f For configuration schematics and more information about concurrent configurations, refer to the appropriate FPGA family chapter in the Configuration Handbook. External Flash Interface The enhanced configuration devices support external FPGA or processor access to its flash memory. The unused portions of the flash memory can be used by the external device to store code or data. This interface can also be used in systems that implement remote configuration capabilities. Configuration data within a particular configuration page can be updated via the external flash interface and the system could be reconfigured with the new FPGA image. This interface is also useful to store Nios boot code, application code, or both. f For more information about the Stratix remote configuration feature, refer to the Remote System Configuration with Stratix & Stratix GX Devices chapter in the Stratix Device Handbook. The address, data, and control ports of the flash memory are internally connected to the enhanced configuration device controller and to external device pins. An external source can drive these external device pins to access the flash memory when the flash interface is available. This external flash interface is a shared bus interface with the configuration controller chip. The configuration controller is the primary bus master. Since there is no bus arbitration support, the external device can only access the flash interface when the controller has tri-stated its internal interface to the flash. Simultaneous access by the controller and the external device will cause contention, and result in configuration and programming failures. Since the internal flash interface is directly connected to the external flash interface pins, controller flash access cycles will toggle the external flash interface pins. The external device must be able to tri-state its flash interface during these operations and ignore transitions on the flash interface pins. Table 1–5. Enhanced Configuration Devices in PS Mode Mode Name Mode (n =) (1) Used Outputs Unused Outputs Passive serial mode 1 DATA0 DATA[7..1] drive low Multi-device passive serial mode 2 DATA[1..0] DATA[7..2] drive low Multi-device passive serial mode 4 DATA[3..0] DATA[7..4] drive low Multi-device passive serial mode 8 DATA[7..0] — Note to Table 1–5: (1) This is the number of valid DATA outputs for each configuration mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |