| Electronic Components Datasheet Search |
|
EP1M350 Datasheet(PDF) 27 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EP1M350 Datasheet(HTML) 27 Page - Altera Corporation |
|
27 / 34 page ![]() Chapter 1: Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet 1–27 Programming and Configuration File Support © December 2009 Altera Corporation Configuration Handbook (Complete Two-Volume Set) f For more information about the enhanced configuration device JTAG support, refer to the BSDL files provided at the Altera website. Enhanced configuration devices can also be programmed by third-party flash programmers or on-board processors using the external flash interface. Programming files (.pof) can be converted to an Intel HEX format file (.hexout) using the Quartus II Convert Programming Files utility, for use with the programmers or processors. You can also program the enhanced configuration devices using the Quartus II software, the Altera Programming Unit (APU), and the appropriate configuration device programming adapter. Table 1–12 lists which programming adapter to use with each enhanced configuration device. INIT_CONF 00 0110 0001 This function initiates the FPGA re-configuration process by pulsing the nINIT_CONF pin low, which is connected to the FPGA nCONFIG pin. After this instruction is updated, the nINIT_CONF pin is pulsed low when the JTAG state machine enters Run-Test/Idle state. The nINIT_CONF pin is then released and nCONFIG is pulled high by the resistor after the JTAG state machine goes out of Run-Test/Idle state. The FPGA configuration starts after nCONFIG goes high. As a result, the FPGA is configured with the new configuration data stored in flash via ISP. This function can be added to your programming file ( .pof, .jam, .jbc) in the Quartus II software by enabling the Initiate configuration after programming option in the Programmer options window (Options menu). PENDCFG 00 0110 0101 This optional function can be used to hold the nINIT_CONF pin low during JTAG-based ISP of the enhanced configuration device. This feature is useful when the external flash interface is controlled by an external FPGA/processor. This function prevents contention on the flash pins when both the controller and external device try to access the flash simultaneously. Before the enhanced configuration device’s controller can access the flash memory, the external FPGA/processor needs to tri-state its interface to flash.This can be ensured by resetting the FPGA using the nINIT_CONF, which drives the nCONFIG pin and keeps the external FPGA/processor in the “reset” state. The nINIT_CONF pin is released when the initiate configuration (INIT_CONF) JTAG instruction is issued. Note to Table 1–11: (1) Enhanced configuration device instruction register length is 10 and boundary scan length is 174. Table 1–11. Enhanced Configuration Device JTAG Instructions (Part 2 of 2) (Note 1) JTAG Instruction OPCODE Description Table 1–12. Programming Adapters Device Package Adapter EPC16 88-pin UFBGA PLMUEPC-88 100-pin PQFP PLMQEPC-100 EPC8 100-pin PQFP PLMQEPC-100 EPC4 100-pin PQFP PLMQEPC-100 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |