Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM61002 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61002
Description  Two Output, Integrated VCO, Low-Jitter Clock Generator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCM61002 Datasheet HTML 18Page - Texas Instruments CDCM61002 Datasheet HTML 19Page - Texas Instruments CDCM61002 Datasheet HTML 20Page - Texas Instruments CDCM61002 Datasheet HTML 21Page - Texas Instruments CDCM61002 Datasheet HTML 22Page - Texas Instruments CDCM61002 Datasheet HTML 23Page - Texas Instruments CDCM61002 Datasheet HTML 24Page - Texas Instruments CDCM61002 Datasheet HTML 25Page - Texas Instruments CDCM61002 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
t
=
REF
1
f
REF
Time(s)
2.27V
2.64V
t
pul
t
puh
t
rsu
t
delay
t
VCO_CAL
t
PLL_LOCK
Powerup
Reference
Startup
Delay
VCOCalibration
PLLLock
CDCM61002
SCAS870D – FEBRUARY 2009 – REVISED JULY 2010
www.ti.com
APPLICATION INFORMATION
Start-up Time Estimation
The CDCM61002 startup time can be estimated based on the parameters defined in Table 10 and graphically
shown in Figure 17.
Table 10. Start-up Time Dependencies
FORMULA/METHOD OF
PARAMETER
DEFINITION
DESCRIPTION
DETERMINATION
The reciprocal of the applied reference
tREF
Reference clock period
frequency in seconds.
Power-supply rise time to low limit of Power
Time required for power
tpul
Power-up time (low limit)
On Reset (POR) trip point
supply to ramp to 2.27 V
Power supply rise time to high limit of POR
Time required for power
tpuh
Power-up time (high limit)
trip point
supply to ramp to 2.64 V
After POR releases, the Colpits oscillator is
enabled. This start-up time is required for the
500 ms best-case and 800 ms
trsu
Reference start-up time
oscillator to generate the requisite signal
worst-case
levels for the delay block to be clocked by
the reference input.
Internal delay time generated from the
tdelay
Delay time
reference clock. This delay provides time for
tdelay= 16384 × tref
the reference oscillator to stabilize.
VCO Calibration Time generated from the
reference clock. This process selects the
tVCO_CAL
VCO calibration time
tVCO_CAL= 550 × tref
operating point for the VCO based on the
PLL settings.
Based on the 400-kHz loop
Time required for PLL to lock within ±10 ppm
tPLL_LOCK
PLL lock time
bandwidth, the PLL settles in
of fREF
5t or 12.5 ms.
Figure 17. Start-up Time Dependencies
22
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): CDCM61002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com