| Electronic Components Datasheet Search |
|
TMS320DM6441 Datasheet(PDF) 49 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6441 Datasheet(HTML) 49 Page - Texas Instruments |
|
49 / 232 page ![]() TMS320DM6441 Digital Media System-on-Chip www.ti.com SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008 Table 3-25. MMC/SD/SDIO and Memory Stick/Memory Stick PRO Terminal Functions SIGNAL TYPE(1) OTHER(2) DESCRIPTION NAME NO. MMC/SD/SDIO and Memory Stick/Memory Stick PRO This pin is multiplexed between MMC/SD/SDIO and Memory Stick/Memory Stick SD_CLK/ A9 O DVDD33 PRO. For MMC/SD/SDIO, this is the data clock output SD_CLK. MS_CLK In Memory Stick mode, this is the clock output MS_CLK. This pin is multiplexed between MMC/SD/SDIO and Memory Stick/Memory Stick SD_CMD/ B9 O DVDD33 PRO. For MMC/SD/SDIO, this is the Command IO output SD_CMD. MS_BS In Memory Stick mode, this is the Bus State output MS_BS. SD_DATA3/ C9 I/O/Z MS_DATA3 These pins are multiplexed between MMC/SD/SDIO and Memory Stick/Memory SD_DATA2/ D9 I/O/Z Stick PRO. In MMC/SD/SDIO mode, these pins are the nibble wide bi-directional MS_DATA2 DVDD33 data bus SD_DATA[3:0]. SD_DATA1/ In Memory Stick mode, these pins are the nibble wide bi-directional data bus E9 I/O/Z MS_DATA1 MS_DATA[3:0]. SD_DATA0/ D8 I/O/Z MS_DATA0 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal (2) Specifies the operating I/O supply voltage for each signal Submit Documentation Feedback Device Overview 49 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |