Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6441 Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6441
Description  Digital Media System-on-Chip
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6441 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMS320DM6441 Datasheet HTML 69Page - Texas Instruments TMS320DM6441 Datasheet HTML 70Page - Texas Instruments TMS320DM6441 Datasheet HTML 71Page - Texas Instruments TMS320DM6441 Datasheet HTML 72Page - Texas Instruments TMS320DM6441 Datasheet HTML 73Page - Texas Instruments TMS320DM6441 Datasheet HTML 74Page - Texas Instruments TMS320DM6441 Datasheet HTML 75Page - Texas Instruments TMS320DM6441 Datasheet HTML 76Page - Texas Instruments TMS320DM6441 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 232 page
background image
4.5.5
PINMUX1 Register Description
4.5.6
Pin Multiplexing Register Field Details
4.5.6.1 EMAC and GPIO3V Pin Multiplexing
TMS320DM6441
Digital Media System-on-Chip
www.ti.com
SPRS359D – SEPTEMBER 2006 – REVISED MARCH 2008
Table 4-14. PINMUX0 Register Field Descriptions (continued)
Bit
Field
Value
Description
4 - 0
AEAW
EMIFA address width selection. Default value is latched at reset from AEAW[4:0] configuration input
pins. This enables EMIF address function on default GPIO[10:28] pins.
The PINMUX1 pin multiplexing register controls which peripheral is given ownership over shared pins
among Timer, PLL, ASP, SPI, I2C, PWM, and UART peripherals. The register format is shown in
Figure 4-8 and bit field descriptions are given in Table 4-15. More details on the PINMUX1 pin muxing
fields are given in Section 4.5.6. A value of "1" enables the secondary or tertiary pin function.
Figure 4-8. PINMUX1 Register(1)
31
19
18
17
16
RESERVED
TIMIN
CLK1
CLK0
R-0000 0000 0000 0
R/W-0
R/W-0
R/W-0
15
11
10
9
8
7
6
5
4
3
2
1
0
RESERVED
ASP
MSKT
SPI
I2C
PWM2
PWM1
PWM0
U2FLO
UART2
UART1
UART0
R-0000 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
(1)
For proper DM6441 device operation, always write a value of '0' to RSV bit 9.
Table 4-15. PINMUX1 Register Field Descriptions
Bit
Field
Value
Description
31 - 19
RESERVED
Reserved
18
TIMIN
Enable TIM_IN function on default GPIO[49] pin
17
CLK1
Enable CLK_OUT1 function on default GPIO[49] pin
16
CLK0
Enable CLK_OUT0 function on default GPIO[48] pin
15 - 11
RESERVED
Reserved
10
ASP
Enable ASP function on default GPIO[29:34] pins
9
MSKT
Enable Memory Stick/Memory Stick PRO function on default MMC/SD/SDIO pins
8
SPI
Enable SPI function on default GPIO[37,39:42] pins
7
I2C
Enable I2C function on default GPIO[43:44] pins
6
PWM2
Enable PWM2 function on default GPIO[47] pin
5
PWM1
Enable PWM1 function on default GPIO[46] pin
4
PWM0
Enable PWM0 function on default GPIO[45] pin
3
U2FLO
Enable UART2 flow control function on default VPFE CI[5:4]/CCD_DATA[13:12] pins
2
UART2
Enable UART2 function on default VPFE CI[7:6]/CCD_DATA[15:14] pins
1
UART1
Enable UART1 function on shared ATA (CF) DMACK, DMARQ pins
0
UART0
Enable UART0 function on default GPIO[35:36] pins
The bit fields for various pin multiplexing options within the PINMUX0 and PINMUX1 registers are
described in the following sections.
The EMAC pin functions are selected as shown in Table 4-16. The functionality for each of the individual
pins affected by the PINMUX0 field settings is given in Table 4-17.
Submit Documentation Feedback
Device Configurations
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com