Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324IPWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324IPWRG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324IPWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  LMV324IPWRG4 Datasheet HTML 1Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 2Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 3Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 4Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 5Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 6Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 7Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 8Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1)
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
5.5
V
VID
Differential input voltage(3)
±5.5
V
VI
Input voltage range (either input)
–0.2
5.5
V
At or below TA = 25°C,
Duration of output short circuit (one amplifier) to ground(4)
Unlimited
VCC ≤ 5.5 V
8 pin
97
D package
14 pin
86
16 pin
73
DBV package
5 pin
206
DCK package
5 pin
252
θJA
Package thermal impedance(5)(6)
°C/W
DDU package
8 pin
TBD
DGK package
8 pin
172
8 pin
149
PW package
14 pin
113
16 pin
108
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+ with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage (single-supply operation)
2.7
5.5
V
VCC = 2.7 V
1.7
VIH
Amplifier turn-on voltage level (LMV324S)(2)
V
VCC = 5 V
3.5
VCC = 2.7 V
0.7
VIL
Amplifier turn-off voltage level (LMV324S)
V
VCC = 5 V
1.5
I temperature
–40
85
TA
Operating free-air temperature
°C
Q temperature
–40
125
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
VIH should not be allowed to exceed VCC.
4
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com