Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324IPWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324IPWRG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324IPWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  LMV324IPWRG4 Datasheet HTML 1Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 2Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 3Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 4Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 5Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 6Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 7Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 8Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
www.ti.com
Electrical Characteristics
Shutdown Characteristics (LMV324S)
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007
VCC+ = 2.7 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIO
Input offset voltage
1.7
7
mV
Average temperature coefficient of
αVIO
5
μV/
°C
input offset voltage
IIB
Input bias current
11
250
nA
IIO
Input offset current
5
50
nA
CMRR
Common-mode rejection ratio
VCM = 0 to 1.7 V
50
63
dB
kSVR
Supply-voltage rejection ratio
VCC = 2.7 V to 5 V, VO = 1 V
50
60
dB
0
–0.2
Common-mode input voltage
VICR
CMRR
≥ 50 dB
V
range
1.9
1.7
High level
VCC – 100
VCC – 10
VO
Output swing
RL = 10 kΩ to 1.35 V
mV
Low level
60
180
LMV321I
80
170
ICC
Supply current
LMV358I (both amplifiers)
140
340
μA
LMV324I/LMV324SI (all four amplifiers)
260
680
B1
Unity-gain bandwidth
CL = 200 pF
1
MHz
Φm
Phase margin
60
deg
Gm
Gain margin
10
dB
Vn
Equivalent input noise voltage
f = 1 kHz
46
nV/
√Hz
In
Equivalent input noise current
f = 1 kHz
0.17
pA/
√Hz
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
VCC+ = 2.7 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Supply current in shutdown mode
ICC(SHDN)
SHDN
≤ 0.6 V
5
μA
(per channel)
t(on)
Amplifier turn-on time
AV = 1, RL = Open (measured at 50% point)
2
μs
t(off)
Amplifier turn-off time
AV = 1, RL = Open (measured at 50% point)
40
ns
(1)
Typical values represent the likely parametric nominal values determined at the time of characterization. Typical values depend on the
application and configuration and may vary over time. Typical values are not ensured on production material.
Copyright © 1999–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com