Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324IPWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324IPWRG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324IPWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV324IPWRG4 Datasheet HTML 6Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 7Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 8Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 9Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 10Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 11Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 12Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 13Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
www.ti.com
10
100
1000
10000
1.5
1
0.5
0
−0.5
−1
−1.5
−2.0
STABILITY
vs
CAPACITIVE LOAD
Output Voltage − V
VCC = ±2.5 V
RL = 1 MΩ
AV = 10
VO = 100 mVPP
_
+
VI
−2.5 V
RL
+2.5 V
VO
CL
LMV3xx
(25% Overshoot)
LMV324S
(25% Overshoot)
134 k
Ω
1.21 M
Ω
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1.200
1.300
1.400
1.500
2.5
3.0
3.5
4.0
4.5
5.0
PSLEW
NSLEW
NSLEW
− Supply Voltage − V
SLEW RATE
vs
SUPPLY VOLTAGE
LMV3xx
PSLEW
RL = 100 kΩ
VCC
Gain
LMV324S
0
100
200
300
400
500
600
700
0
1
2
3
4
5
LMV3xx
LMV324S
SUPPLY CURRENT
vs
SUPPLY VOLTAGE − QUAD AMPLIFIER
VCC − Supply Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
6
INPUT CURRENT
vs
TEMPERATURE
−60
−50
−40
−30
−20
−10
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80
LMV3xx
LMV324S
TA − °C
VCC = 5 V
VI = VCC/2
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Figure 9.
Figure 10.
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com