Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324IPWRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324IPWRG4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV324IPWRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV324IPWRG4 Datasheet HTML 4Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 5Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 6Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 7Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 8Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 9Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 10Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 11Page - Texas Instruments LMV324IPWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
80
70
60
50
40
30
20
10
0
−10
120
105
90
75
60
45
30
15
0
−15
1 k
10 k
100 k
1 M
10 M
LMV321 FREQUENCY RESPONSE
vs
RESISTIVE LOAD
Vs = 2.7 V
RL = 100 kΩ, 2 kΩ, 600 Ω
Frequency − Hz
Gain
Phase
600
Ω
100 k
Ω
2 k
Ω
600
Ω
2 k
Ω
100 k
Ω
1 k
10 k
100 k
1 M
10 M
80
70
60
50
40
30
20
10
0
−10
120
105
90
75
60
45
30
15
0
−15
LMV321 FREQUENCY RESPONSE
vs
RESISTIVE LOAD
Vs = 5.0 V
RL = 100 kΩ, 2 kΩ, 600 Ω
Frequency − Hz
Gain
Phase
100 k
Ω
2 k
Ω
600
Ω
600
Ω
100 k
Ω
2 k
Ω
10 k
100 k
1 M
10 M
70
60
50
40
30
20
10
0
−10
−30
100
80
60
40
20
0
−20
−40
−60
−80
LMV321 FREQUENCY RESPONSE
vs
CAPACITIVE LOAD
−20
−100
Frequency − Hz
Gain
Phase
0 pF
100 pF
500 pF
1000 pF
0 pF
100 pF
500 pF
1000 pF
Vs = 5.0 V
RL = 600 Ω
CL = 0 pF
100 pF
500 pF
1000 pF
10 k
100 k
1 M
10 M
70
60
50
40
30
20
10
0
−10
−30
100
80
60
40
20
0
−20
−40
−60
−80
LMV321 FREQUENCY RESPONSE
vs
CAPACITIVE LOAD
−20
−100
Frequency − Hz
Gain
Phase
0 pF
100 pF
500 pF
0 pF
1000 pF
500 pF
100 pF
Vs = 5.0 V
RL = 100 kΩ
CL = 0 pF
100 pF
500 pF
1000 pF
1000 pF
LMV321 SINGLE, LMV358 DUAL
LMV324 QUAD, LMV324S QUAD WITH SHUTDOWN
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS263T – AUGUST 1999 – REVISED SEPTEMBER 2007
Figure 1.
Figure 2.
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 1999–2007, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com