Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401LF Datasheet(PDF) 77 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 77 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 73Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 74Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 75Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 76Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 77Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 78Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 79Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 80Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 81Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
77
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
VGAPIX
ADCLK
Figure 6. FAZE Sets ADCK Sampling Edge on Incoming Pixels
A/D converter power can be disconnected by setting the CR register ADCOFF bit.
5.1.4 24-bit Digital RGB Port (FS403 only)
Extra pins are included on the FS403 package to incorporate a 24-bit TTL compatible RGB input port.
Either analog or digital inputs can be selected by the level on the EXADSEL pin. With the 24-bit RGB
port enabled, incoming pixels may be derived directly from an external digital RGB source or from analog
RGB via triple 8-bit A/D converters.
5.1.5 Built In Pattern Generator
BIPGEN in the CRE register selects one of several test patterns instead of the incoming video. If the “All
Waveforms” option is set (001), the pattern looks as follows:
Figure 7: BiPGEN Image
The 512x512 chart is inserted into a 768x768 pixel frame, displaced 128 pixels from the left boundary and
128 pixels from the upper boundary. Color bars are each 64 pixels wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com