Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401LF Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 88Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 89Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 90Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 91Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 92Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 93Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 94Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 95Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
92
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
6.3 Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Power Supply Currents
IDD
3.3 volt current
FSCK–IN = 80MHz
159
mA
IDDAD
3.3 volt Analog current
ADXCK=40MHz
66
mA
IDDDA
3.3 volt Analog current
ADXCK=40MHz
90
mA
IDDPA
3.3 volt Analog current
ADXCK=40MHz
4
mA
IDDPF
3.3 volt Analog current
ADXCK=40MHz
16
mA
IDDT
3.3 volt Total Current
CKNTSC=20MHz
350
mA
Digital Inputs and Outputs
CI
Input Capacitance
5
10
pF
CO
Output Capacitance
10
pF
IIH
Input Current, HIGH
VDD = max.,
VIN = max.
±10
µA
IIL
Input Current, LOW
VDD = max.,
VIN = 0 V
±200
µA
IILP
Input Current, LOW with pull-up
VDD = max.,
VIN = 0 V
-100
µA
VIHTTL
Input Voltage, Logic HIGH (TTL)
2.0
V
VILTTL
Input Voltage, Logic LOW (TTL)
0.8
V
IOH
Output Current, Logic HIGH
-2.0
mA
IOL
Output Current, Logic LOW
2.0
mA
VOH
Output Voltage, HIGH
IOH = -2mA
2.4
V
VOL
Output Voltage, LOW
IOL = 2mA
0.4
V
Analog Inputs
CAI
A/D Input Capacitance
ADCLK = LOW
ADCLK = HIGH
4
12
pF
pF
RIN
A/D Input Resistance
500
1000
k
ICB
A/D Input Current
±15
µA
VRO
Voltage Reference Output
Internal Reference
1.15
1.276
1.40
V
IRO
VREF Output Current
External VREF
-150
+150
µA
Analog Outputs
VOC
Video Output Compliance
-0.4
2
V
ROUT
Video Output Resistance
15
k
COUT
Video Output Capacitance
COUT = 0 mA,
Freq. = 1 MHz
15
pF
IOS
Short-Circuit Current
-20
-80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com