Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401LF Datasheet(PDF) 85 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 85 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 81Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 82Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 83Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 84Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 85Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 86Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 87Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 88Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 89Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
85
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
5.3.5 Digital-to-Analog Converters
Three 10-bit D/A converters accept data from either the video encoder or the YUV-to-RGB transcoder.
Each output is a current source connected to the analog VDDDA supply. Current is injected into external
resistor to develop the output voltage. Typically the DC load is 37.5
Ω formed from two 75Ω resistors and
a low pass filter. A 75
Ω load may be selected to minimize power dissipation.
Peak output current of the D/A converters is established by VREF and an external resistor connected
between RREF and ground. Peak current is approximately 11 times the current through the reference
resistor.
An internal 1.276 volt reference is buffered from VREF by a resistor, to enable VREF to be overridden by
an external voltage. Output current may be calibrated by resistor selection or by setting a potentiometer
attached to RREF.
For 1.3 volt video, with a 37.5
Ω load, the correct value of R
T
is 389
Ω. With a 75Ω load, the correct value
of R
T
is 778 ohm. This calculation is shown in the following example:
Figure 15. RREF and VTIN Setup
VTIN can be developed by splitting RT into 2 resistors, R1 and R2, wired so that RT = R1+R2.
To minimize DAC noise, a bypass capacitor must be connected from CBYPR to an adjacent VDDDA pin.
Disabling the power supplied to unused D/A converters may conserve power. Command Register
Extended bit COMPOFF controls Composite Video D/A converter power. Command Register Extended
bit YCOFF controls Y/C D/A converter.
5.3.6 On-Screen Display (FS403 only)
The FS403 has a simple eight wire interface for an On Screen Display (OSD) interface. A single input
line is available for R, G, and B, giving the OSD programmer a choice of the eight 100% amplitude, 50%
saturation Color Bar colors. Another input enables the overlay of the OSD into the video path, with a fifth
line to half the intensity of the overlaid VGA video for better OSD contrast.
The chip also provides the Horizontal Sync, Vertical Sync, and 2Fsc clock for the microcontroller
synchronization. The Zilog Z90211 and the Philips P83C055 families are directly supported.
Because the microcontroller operates at half the speed of the FS403 video encoder, a horizontal pixel
from the microcontroller will be replicated to form two pixels in the FS403. Since the FS403 input hold
times cannot be met by the OSD, the inputs are buffered using the 2Fsc clock."
5.4 Serial Control Port (R-Bus)
All FS400 register access is via a 2-wire serial control interface. Either 7 or 10-bit addressing may be
used with two addresses available for each type of addressing scheme. (see Table 5. Serial Port
Addresses).
Two signals comprise the bus: clock (SIOCLK) and bi-directional data (SIODATA). The FS400 acts as a
slave for receiving and transmitting data over the serial interface. The maximum clock rate is 800 KHz.
RREF
VTIN
R1
R2
()
=
=
=
389
5
.
37
3
.
1
276
.
1
*
97
/
1024
*
97
/
1024
REF
T
T
LOAD
DAC
T
R
V
V
R
R
V
V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com