Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS401LF Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # FS401LF
Description  PC to TV Video Scan Converters
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS401LF Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button FS401LF Datasheet HTML 87Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 88Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 89Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 90Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 91Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 92Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 93Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 94Page - List of Unclassifed Manufacturers FS401LF Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
FS401, FS403
PRODUCT SPECIFICATION
REV. NO. 1.7
91
JANUARY 24, 2007
COPYRIGHT
© 1999 FOCUS ENHANCEMENTS, INC.
6.2 Operating Conditions
Parameter
Min
Nom
Max
Units
VDD
Digital Power Supply Voltage
3.15
3.3
3.45
V
VDDAD, VDDDA A/D and D/A Supply Voltage
3.15
3.3
3.45
V
VDDPA, VDDPF PLLs Supply Voltage
3.15
3.3
3.45
V
AGND
Analog Ground (Measured to DGND)
-0.1
0
0.1
V
VRT
Reference Voltage, Top
0.5
0.75
2.0
V
VIN
Analog Input Range
0
VRT
V
VREF
External Reference Voltage
1.276
V
IREF
D/A Converter Reference Current
3.15
mA
(IREF = VREF/RREF, flowing out of
the RREF pin)
RREF
Reference Resistor, VREF = Nom
392
RL
DAC Total Output Load Resistance
37.5
TA
Ambient Temperature, Still Air
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com