Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2114 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2114
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2114 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2114 Datasheet HTML 1Page - RF Micro Devices RF2114 Datasheet HTML 2Page - RF Micro Devices RF2114 Datasheet HTML 3Page - RF Micro Devices RF2114 Datasheet HTML 4Page - RF Micro Devices RF2114 Datasheet HTML 5Page - RF Micro Devices RF2114 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2-34
RF2114
Rev A5 001222
2
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +8.5
VDC
Power Down Voltage (VPD)
-0.5 to +5.0
V
DC Supply Current
500
mA
Input RF Power
+12
dBm
Output Load VSWR
20:1
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=5.8V, VPD=4.0 V,
ZLOAD=18Ω, PIN=6dBm, Freq=150MHz
Frequency Range
1 to 600
MHz
Saturated Output Power
+28
+29
+31
dBm
Output Power
>+27
dBm
Frequency> 450MHz
Power Gain
30
36
40
dB
CW Total Efficiency
45
%
Two Tone Total Efficiency
26
%
POUT = +19dBm/tone
IM3
-50
-40
-25
dBc
POUT = +19dBm/tone
IM5
-70
-43
-30
dBc
POUT = +19dBm/tone
Second Harmonic
-24
dBc
Without external second harmonic trap
Third Harmonic
-30
dBc
Output Noise Power
< -125
dBm/Hz
Input VSWR
<3:1
With external matching network; see appli-
cation schematic
Input Impedance
50
With external matching network; see appli-
cation schematic
Load Impedance
18+ j0
Load impedance for optimal match
Power Down Control
Power Down “ON”
VCC
V
Voltage supplied to the input; Part is “ON”
Power Down “OFF”
0
0.2
V
Voltage supplied to the input; Part is “OFF”
Power Supply
Power Supply Voltage
2.7 to 6.5
V
Power Supply Idle Current
45
90
mA
Supply Current
150
300
500
mA
Total of pins 5 and 6
VPD Current
< 3.5
mA
Into pin 4
Total "OFF" Current Drain
10
µA
VPD <0.1VDC
Turn-on Time
< 100
ns
VPD=0 to VPD=+4VDC
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com