Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2114 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2114
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2114 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2114 Datasheet HTML 1Page - RF Micro Devices RF2114 Datasheet HTML 2Page - RF Micro Devices RF2114 Datasheet HTML 3Page - RF Micro Devices RF2114 Datasheet HTML 4Page - RF Micro Devices RF2114 Datasheet HTML 5Page - RF Micro Devices RF2114 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2-35
RF2114
Rev A5 001222
2
Pin
Function
Description
Interface Schematic
1RF1 IN
RF input pin. This pin is internally connected to the bias circuits. An
external DC blocking capacitor is required. The value of this capacitor
depends on the actual operating frequency.
2GND
Ground connection. Keep the connection to the backside ground plane
as short as possible, by placing the vias close to the pin.
3GND
Same as pin 2.
4PD
Power down control voltage. When this pin is at 0V, the device will be in
power down mode, dissipating minimum DC power. When this pin is at
VCC (but not higher than 5.0V max), the device will be in full power
mode delivering maximum gain and output power capability. This pin
may also be used to perform some degree of gain control or power con-
trol when set to voltages between 0V and VCC or 5.0V, whichever is the
lowest. It is not optimized for this function so the transfer function is not
linear over a wide range as with other devices specifically designed for
analog gain control. However, it may be usable for coarse adjustment or
in some closed loop AGC systems. This pin should not, in any circum-
stance, be higher in voltage than VCC. This pin should also have an
external bypassing capacitor.
5RF2 IN
RF input of the power stage. This pin is internally connected to the bias
circuits. An external DC blocking capacitor is required. This same
capacitor can also be used for interstage matching. Typically this
capacitor is between RF2 IN (pin 5) and RF1 OUT (pin 6); see the
application schematics for details.
6RF1 OUT
RF output of the pre-amplifier. Power supply needs to be supplied to
this pin through an inductor to VCC. Together with the series capacitor
between pin 5 and 6 the interstage matching circuit is formed. See the
application schematics for values for different frequencies.
7VCC1
Positive supply for the active bias circuits. This needs to be bypassed
with a single capacitor, placed as close as possible to the package.
Additional bypassing of 1
µF is also recommended, but proximity to the
package is not as critical.
8RF2 OUT
Amplifier RF output. This is an unmatched collector output of the final
amplifier transistor. Pins 8, 9, 13, and 14 are connected internally. Bias
for the final power amplifier output transistor must also be provided
through one of these two pins. Typically, pins 8 and 9 are connected to
a network that provides the DC bias and also creates a second har-
monic trap. A capacitor series resonates with internal bond wires and
some additional series inductance, and acts as a trap at two times the
operating frequency, effectively shorting out the second harmonic.
Shorting out this harmonic serves to increase the amplifier’s maximum
output power and efficiency, as well as to lower the level of the second
harmonic output. Typically, pins 13 and 14 are externally connected
very close to the package and used as the RF output with a matching
network that presents the optimum load impedance to the PA for maxi-
mum power and efficiency, as well as providing DC blocking at the out-
put.
9RF2 OUT
Same as pin 8.
10
GND
Same as pin 2.
11
GND
Same as pin 2.
12
GND
Same as pin 2.
13
RF2 OUT
Same as pin 8.
14
RF2 OUT
Same as pin 8.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com