Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2114 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2114
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2114 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2114 Datasheet HTML 1Page - RF Micro Devices RF2114 Datasheet HTML 2Page - RF Micro Devices RF2114 Datasheet HTML 3Page - RF Micro Devices RF2114 Datasheet HTML 4Page - RF Micro Devices RF2114 Datasheet HTML 5Page - RF Micro Devices RF2114 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
!
2-33
2
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
RF1 IN
GND
GND
PD
RF2 IN
RF1 OUT
VCC1
RF2 OUT
RF2 OUT
GND
GND
GND
RF2 OUT
RF2 OUT
BIAS CIRCUIT
PA
PRE AMP
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RF2114
MEDIUM POWER LINEAR AMPLIFIER
• Digital Communication Systems
• Spread-Spectrum Communication Systems
• Driver for Higher Power Linear Applications
• Portable Battery-Powered Equipment
• Commercial and Consumer Systems
• Base Station Equipment
The RF2114 is a medium to high power linear amplifier
IC. The device is manufactured on an advanced Gallium
Arsenide Heterojunction Bipolar Transistor (HBT) pro-
cess, and has been designed for use as the final linear
RF amplifier in UHF radio transmitters operating between
1 MHz and 600 MHz. It may also be used as a driver
amplifier in higher power applications. The device is self-
contained with the exception of the output matching net-
work, power supply feed line, and bypass capacitors. The
device can be used in 3-cell battery applications. The
maximum CW output at 3V is 125mW. The unit has a
total gain of 35dB, depending upon the output matching
network.
• 1MHz to 600MHz Operation
• Over 800mW CW Output Power
• 35dB Small Signal Gain
• Single 2.7V to 6.5V Supply
• 45% Efficiency
• Digitally Controlled Power Down Mode
RF2114
Medium Power Linear Amplifier
RF2114 PCBA
Fully Assembled Evaluation Board
2
Rev A5 001222
0.156
0.148
0.059
0.057
0.252
0.236
0.010
0.004
.018
.014
8° MAX
0° MIN
0.0500
0.0164
0.010
0.007
0.347
0.339
0.050
Package Style: SOIC-14


Similar Part No. - RF2114

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2115 RFMD-RF2115 Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115L RFMD-RF2115L Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2115LPCBA RFMD-RF2115LPCBA Datasheet
101Kb / 8P
HIGH POWER UHF AMPLIFIER
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
RF2117PCBA RFMD-RF2117PCBA Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
More results

Similar Description - RF2114

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
RF Micro Devices
RF2103P RFMD-RF2103P Datasheet
191Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
RF2127 RFMD-RF2127 Datasheet
63Kb / 6P
MEDIUM POWER LINEAR AMPLIFIER
RF2128 RFMD-RF2128 Datasheet
60Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2128P RFMD-RF2128P Datasheet
134Kb / 4P
MEDIUM POWER LINEAR AMPLIFIER
RF2103P RFMD-RF2103P_06 Datasheet
215Kb / 10P
MEDIUM POWER LINEAR AMPLIFIER
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com