Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2114 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2114
Description  MEDIUM POWER LINEAR AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2114 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2114 Datasheet HTML 1Page - RF Micro Devices RF2114 Datasheet HTML 2Page - RF Micro Devices RF2114 Datasheet HTML 3Page - RF Micro Devices RF2114 Datasheet HTML 4Page - RF Micro Devices RF2114 Datasheet HTML 5Page - RF Micro Devices RF2114 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-37
RF2114
Rev A5 001222
2
Evaluation Board Schematic (150MHz)
(Download Bill of Materials from www.rfmd.com.)
L2
22 nH
C5
330 pF
C4
24 pF
L6
5.6 nH
C9
33 pF
L5
22 nH
C8
330 pF
C10
1 nF
P1-1
C11
10
µF
C3
120 pF
L3
1200 nH
C7
330 pF
C2
6.8 pF
C6
1 nF
P1-3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
BIAS CIRCUIT
PA
PRE
AMP
C1
330 pF
L4
150 nH
C12
10 nF
2114400 Rev A
136 MHz to 178 MHz
J2
RF OUT
J1
RF IN
L1
100 nH
50
Ω µstrip
50
Ω µstrip
P1-3
PC
GND
P1-1
VCC
P1
1
2
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com