Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC419 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 5 Page - Semtech Corporation

  SC419 Datasheet HTML 1Page - Semtech Corporation SC419 Datasheet HTML 2Page - Semtech Corporation SC419 Datasheet HTML 3Page - Semtech Corporation SC419 Datasheet HTML 4Page - Semtech Corporation SC419 Datasheet HTML 5Page - Semtech Corporation SC419 Datasheet HTML 6Page - Semtech Corporation SC419 Datasheet HTML 7Page - Semtech Corporation SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SC419
5
Electrical Characteristics (continued)
Parameter
Conditions
Min
Typ
Max
Units
Logic Inputs/Outputs
Logic Input High Voltage - EN
1.0
V
Logic Input High Voltage - PSV
Forced continuous mode (PSV pulled to VDDA);
PSV with respect to VDDA
-0.4
V
Logic Input Low Voltage - EN
With respect to VDDA
0.4
V
EN Input Bias Current
EN = VDDA or AGND
-10
+10
μA
FB Input Bias Current
FB = VDDA or AGND
-1
+1
μA
PSV Input Bias Current
PSV = VDDA
1
μA
High-Side Driver (DH, BST, LX)
Peak Current(1)
2.0
A
On Resistance
R
DH_PULL-UP, LX < 0.5V
3.0
6.0
Ω
R
DH_PULL-UP, LX > 0.5V
1.0
2.0
Ω
R
DH_PULL-DOWN
0.6
1.2
Ω
Rise Time(1)
C
DH-LX = 3nF
22
ns
Fall Time(1)
C
DH-LX = 3nF
12
ns
Propagation Delay(1)
From FB Comparator Input to DH
30
45
60
ns
Shoot-thru Protection Delay(1)
10
20
30
ns
Bootstrap Switch On Resistance
10
Ω
Low-Side Driver (DL, VDDP, PGND)
Peak Current(1)
4.0
A
On Resistance
R
DL_PULL-UP
1.3
2.1
Ω
R
DL_PULL-DOWN
0.50
0.86
Ω
Rise Time(1)
C
DL = 3nF
7
ns
Fall Time(1)
C
DL = 3nF
3.5
ns
Notes:
(1) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com