Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC419 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 1 Page - Semtech Corporation

  SC419 Datasheet HTML 1Page - Semtech Corporation SC419 Datasheet HTML 2Page - Semtech Corporation SC419 Datasheet HTML 3Page - Semtech Corporation SC419 Datasheet HTML 4Page - Semtech Corporation SC419 Datasheet HTML 5Page - Semtech Corporation SC419 Datasheet HTML 6Page - Semtech Corporation SC419 Datasheet HTML 7Page - Semtech Corporation SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2010 Semtech Corporation
1
SC419
EcoSpeedTM DC-DC Converter
with Integrated Boost Diode
Features
Power system
Input voltage — 3V to 28V
Integrated bootstrap switch
1% reference tolerance -40 to +85 °C
EcoSpeedTM architecture with pseudo-fixed fre-
quency adaptive on-time control
Internal soft-start and soft-shutdown at output
SmartDriveTM
Logic input/output control
Independent control EN for LDO and switcher
Programmable V
IN UVLO threshold
Power good output
Selectable power save mode
Programmable ultrasonic power save mode
Protections
Over-voltage/under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal shutdown
Smart power save
Output capacitor types
High ESR — SP, POSCAP, OSCON
Ceramic capacitors
Package — 3 x 3mm, 20-pin MLPQ
Lead-free and halogen free
RoHS and WEEE compliant
Applications
Office automation and computing
Networking and telecommunication equipment
Point-of-load power supplies and module replacement
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC419 is a synchronous buck power supply controller.
It features a bootstrap switch in a space-saving MLPQ-
3 x 3mm 20-pin package. The device is highly efficient
and uses minimal PCB area. It uses pseudo-fixed frequency
adaptive on-time operation to provide fast transient
response.
The SC419 supports using standard capacitor types such
as electrolytic or special polymer in addition to ceramic, at
switching frequencies up to 1MHz. The programmable
frequency, synchronous operation, and programmable
power-save provide high efficiency operation over a wide
load range.
Additional features include cycle-by-cycle current limit,
soft-start, under and over-voltage protection, program-
mable over-current protection, soft shutdown, selectable
power-save modes, and programmable ultra-sonic power-
save. The device also provides an enable input and a
power good output, useful for sequencing multiple
devices.
The input voltage can range from 3V to 28V. The wide
input voltage range and programmable frequency make
the device extremely flexible and easy to use in a broad
range of applications. Support is provided for single cell
or multi-cell battery systems in addition to traditional DC
power supply applications.
July 27, 2010
POWER MANAGEMENT
Typical Application Circuit
ENABLE
PGOOD
PSV
VDDA
LX
PGOOD
ILIM
EN
TON
RILIM
+
VOUT
COUT
1µF
L1
5V
PGND
AGND
VOUT
FB
RTON
SC419
CIN
DH
BST
DL
VDDP
VIN
0.1µF
PSV
5V
VIN
VIN
VIN


Similar Part No. - SC419

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC410 SEMTECH-SC410 Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
SC410A SEMTECH-SC410A Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AEVB SEMTECH-SC410AEVB Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410AMLTRT SEMTECH-SC410AMLTRT Datasheet
807Kb / 26P
2A EcoSpeed Step-Down Regulator with LDO and Power Save
SC410EVB SEMTECH-SC410EVB Datasheet
614Kb / 26P
3A EcoSpeed TM Step-Down Regulator with LDO and Ultrasonic Power Save
More results

Similar Description - SC419

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC418 SEMTECH-SC418 Datasheet
659Kb / 30P
EcoSpeedTM DC-DC Buck Controller with Programmable LDO
logo
Sanyo Semicon Device
LV56351HA SANYO-LV56351HA Datasheet
206Kb / 9P
1ch DC/DC boost converter
logo
Texas Instruments
LP8543 TI-LP8543 Datasheet
1Mb / 40P
High-Voltage DC/DC Boost Converter With Integrated FET
logo
ON Semiconductor
LV56351HA ONSEMI-LV56351HA Datasheet
193Kb / 9P
1ch DC/DC boost converter
August, 2013
LV56351JA ONSEMI-LV56351JA Datasheet
212Kb / 8P
1ch DC/DC boost converter
August, 2013
logo
STMicroelectronics
STBB1XX STMICROELECTRONICS-STBB1XX Datasheet
1Mb / 20P
Buck-boost DC-DC converter
09-Feb-2009
logo
Murata Manufacturing Co...
LXDC2SCAAB-352 MURATA-LXDC2SCAAB-352 Datasheet
1Mb / 23P
Buck-Boost DC-DC converter
logo
Rohm
BU33UV7NUX ROHM-BU33UV7NUX Datasheet
1Mb / 24P
Synchronous Boost DC/DC Converter
logo
SHOUDING Shouding Semic...
SD6303 SHOUDING-SD6303 Datasheet
517Kb / 13P
PFM boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6385 HMSEMI-HM6385 Datasheet
1Mb / 8P
Synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com