Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC419 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 2Page - Semtech Corporation SC419 Datasheet HTML 3Page - Semtech Corporation SC419 Datasheet HTML 4Page - Semtech Corporation SC419 Datasheet HTML 5Page - Semtech Corporation SC419 Datasheet HTML 6Page - Semtech Corporation SC419 Datasheet HTML 7Page - Semtech Corporation SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation SC419 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SC419
6
CIN2
RILIM
RPSV
(see
note)
SC419
VOUT
DL
VDDA
PGOOD
PSV
VDDP
FB
NC
PGND
Q1
EN
PGOOD
5V
VIN
VIN
Q2
RFB1
RFB2
5V
VOUT
+
1µF
PAD
RTON
100nF
CIN1
Component
Value
Manufacturer
Part Number
Web
CIN1, CIN2
10µF/25V
Murata
GRM32DR71E106KA12L
www.murata.com
www.panasonic.com
COUT1, COUT2
220µF/15mΩ/6.3V
Panasonic
EEFUE0J221R
www.nec-tokin.co
L1 (option 1)
0.88µH/2.3mΩ
NEC-Tokin
MPC1040LR88C
Key Components
www.irf.com
Q1
IRF7821
I.R.
IRF7821
www.irf.com
Q2
IRF7832
I.R.
IRF7832
100nF
NC
100nF
COUT2
COUT1
+
10nF
L1
154kΩ
12V to 1.05V @ 10A, 250kHz
11kΩ
10kΩ
Note - RPSV: Use 115kΩ for Ultrasonic operation
Remove RPSV for Power-Save operation
Connect PSV pin to VDDA for Forced Continuous Mode operation
10kΩ
1
2
3
4
5
11
12
13
14
15
6
7
8
9 10
20 19 18
17 16
CTOP
100pF
L1 (option 2)
1.0µH/2.3mΩ
Vishay
IHLP4040DZER1R0M11
www.vishay.co
Detailed Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com