Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC419 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC419
Description  EcoSpeedTM DC-DC Converter with Integrated Boost Diode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC419 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC419 Datasheet HTML 5Page - Semtech Corporation SC419 Datasheet HTML 6Page - Semtech Corporation SC419 Datasheet HTML 7Page - Semtech Corporation SC419 Datasheet HTML 8Page - Semtech Corporation SC419 Datasheet HTML 9Page - Semtech Corporation SC419 Datasheet HTML 10Page - Semtech Corporation SC419 Datasheet HTML 11Page - Semtech Corporation SC419 Datasheet HTML 12Page - Semtech Corporation SC419 Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SC419
9
Pin Descriptions
Pin #
Pin Name
Pin Function
1
FB
Feedback input for switching regulator — connect to an external resistor divider from output — used to
program the output voltage.
2
NC
No Connection
3
VDDA
Supply input for internal analog circuits — connect to 5V supply — and the sense input for VDDA UVLO.
Bypass with a 100nF minimum capacitor to AGND.
4
VOUT
Output voltage sense pin
5
NC
No Connection
6
VIN
Input supply voltage — connect to the same supply as the high-side MOSFET. Connect a 100nF capacitor to
AGND.
7
NC
No Connection
8
BST
Bootstrap pin — connect a 100nF minimum capacitor from BST to LX to develop the floating voltage for the
high-side gate drive.
9
DH
High-side gate drive output
10
LX
Switching (phase) node
11
PGND
Power ground
12
DL
Low-side gate drive output
13
VDDP
Supply input for the DH and DL gate drives — connect to the same 5V supply used for VDDA. Bypass with a
1μF minimum capacitor to PGND.
14
PSV
Power-save programming input — connect a resistor to AGND to set the minimum power-save frequency.
Float pin to select power-save at no minimum frequency or pull up to VDDA to disable power-save.
15
PGOOD
Open-drain Power Good indicator — high impedance indicates the switching regulator output power is
good. An external pull-up resistor is required.
16
ILIM
Current limit sense pin — used to program the current limit by connecting a resistor from ILIM to LX.
17
EN
Enable input for switching regulator — logic low disables the switching regulator or logic high enables the
switching regulator.
18
AGND
Analog ground
19
TON
ON time programming input — set the on-time by connecting through a resistor to AGND.
20
AGND
Connect this pin to AGND along with pins 18 and PAD.
PAD
AGND
Analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com