Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2909 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2909
Description  3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2909 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2909 Datasheet HTML 1Page - RF Micro Devices RF2909 Datasheet HTML 2Page - RF Micro Devices RF2909 Datasheet HTML 3Page - RF Micro Devices RF2909 Datasheet HTML 4Page - RF Micro Devices RF2909 Datasheet HTML 5Page - RF Micro Devices RF2909 Datasheet HTML 6Page - RF Micro Devices RF2909 Datasheet HTML 7Page - RF Micro Devices RF2909 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
11-105
RF2909
Rev B1 010904
11
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Supply
Voltage
3.3
V
Specifications
2.7
5.0
V
Operating limits
Current
175
200
mA
Total, Digital High Power, VAPC,VPC1=0V,
VPC2=VCC
45
60
Total, Digital Medium Power, VAPC,
VPC2=0V, VPC1=VCC
30
40
mA
Total, Digital Low Power, VAPC,VPC1,
VPC2=0V
130
180
mA
Total, Linear Power, VAPC=2.8V, VPC1,
VPC2=0V
1.5
5
mA
PLL Buffer amp on.
1
µA
Standby mode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com