Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2909 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2909
Description  3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2909 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2909 Datasheet HTML 1Page - RF Micro Devices RF2909 Datasheet HTML 2Page - RF Micro Devices RF2909 Datasheet HTML 3Page - RF Micro Devices RF2909 Datasheet HTML 4Page - RF Micro Devices RF2909 Datasheet HTML 5Page - RF Micro Devices RF2909 Datasheet HTML 6Page - RF Micro Devices RF2909 Datasheet HTML 7Page - RF Micro Devices RF2909 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
11-103
11
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Q SIG
Q REF
GND1
NC
LO IN+
LO IN-
NC
VCC1
GND2
VCC2
INSTGT
APC
I SIG
I REF
NC
GND6
GND5
RF OUT
GND4
GND3
PLLON
TX PD
PC 2
PC1
+45°
-45°
Σ
DC
BIAS
PWR
CTRL
RF2909
3V 915MHZ SPREAD-SPECTRUM
TRANSMITTER IC
• Direct Sequence Spread Spectrum
• Spread Spectrum Cordless Phones
• Portable Battery Powered Equipment
• GMSK, QPSK, DQPSK, QAM Modulation
• 915MHz ISM Applications
The RF2909 is a monolithic integrated transmitter IC
capable of universal direct modulation. The quadrature
modulator allows for a variety of modulation formats and
compound carriers. The transmitter has two power control
modes. Two inputs can be controlled digitally for stepping
output power 1mW, 10 mW, or 70mW output power. Or,
the output level can be adjusted by an analog input from
1 mW to 80 mW. The quadrature mixers have differential
inputs, and are internally biased; a DC blocking capacitor
is required if external DC levels are present. The LO is
split with a passive network tuned for 915MHz.
• 2.7V to 5V Power Supply
• 1mW, 10mW, 70mW Digital Output
Power
• 20dB Analog Power Control Range
• Excellent Phase & Amplitude Balance
• Compatible with the RF2908
RF2909
3V 915MHz Spread-Spectrum Transmitter IC
RF2909 PCBA
Fully Assembled Evaluation Board
11
Rev B1 010904
.069
.053
.050
.016
8°MAX
0°MIN
.010
.008
.157
.150
.244
.228
1
.344
.337
.012
.008
.025
.010
.004
.033
Package Style: SSOP-24


Similar Part No. - RF2909

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2905 RFMD-RF2905 Datasheet
490Kb / 22P
433/868/915MHZ FM/FSK/ASK/OOK TRANSCEIVER
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
More results

Similar Description - RF2909

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2423 RFMD-RF2423 Datasheet
67Kb / 8P
100mW SPREAD-SPECTRUM TRANSMITTER IC
RF2908 RFMD-RF2908 Datasheet
534Kb / 18P
915MHZ SPREAD SPECTRUM RECEIVER WITH PLL FREQUENCY SYNTHESIZER
logo
Sanyo Semicon Device
LV2700V SANYO-LV2700V Datasheet
123Kb / 9P
Spread Spectrum Communications IC
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
Spread Spectrum Controllers
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
PhaseLink Corporation
PLL701-50 PLL-PLL701-50 Datasheet
206Kb / 6P
Low EMI Spread Spectrum Multiplier IC
logo
Asahi Kasei Microsystem...
AK8126B AKM-AK8126B Datasheet
213Kb / 8P
EMI Countermeasure for Spread Spectrum IC
AK8126A AKM-AK8126A Datasheet
214Kb / 8P
EMI countermeasure for spread spectrum IC
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
logo
Abracon Corporation
ABE0110 ABRACON-ABE0110 Datasheet
251Kb / 7P
Low EMI Spread Spectrum Multiplier IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com