Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2909 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2909
Description  3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2909 Datasheet(HTML) 4 Page - RF Micro Devices

  RF2909 Datasheet HTML 1Page - RF Micro Devices RF2909 Datasheet HTML 2Page - RF Micro Devices RF2909 Datasheet HTML 3Page - RF Micro Devices RF2909 Datasheet HTML 4Page - RF Micro Devices RF2909 Datasheet HTML 5Page - RF Micro Devices RF2909 Datasheet HTML 6Page - RF Micro Devices RF2909 Datasheet HTML 7Page - RF Micro Devices RF2909 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
11-106
RF2909
Rev B1 010904
11
Pin
Function
Description
Interface Schematic
1Q SIG
Baseband input to the Q mixer. A DC bias of approximately 1.7V is
present at this pin.A DC blocking capacitor is needed if the signal has a
different DC level. Maximum output power is obtained when the input
signal has a peak-to-peak amplitude of 1V. The input impedance of this
pin is 3k
Ω. The REF and SIG inputs are interchangeable. If swapping
the I SIG and I REF pins, the Q SIG and Q REF also need to be
swapped to maintain the correct phase. The SIG and REF pins may be
driven deferentially to increase conversion gain.
2Q REF
Reference voltage for the Q mixer. This voltage should be the same as
the DC voltage supplied to the Q SIG pin. To obtain a carrier suppres-
sion of better than 25dB it may be tuned ±0.15V (relative to the Q SIG
DC voltage). Without tuning, the carrier suppression will typically be
better than 25dB. The input impedance of this pin is about 3 k
Ω.
See pin 1.
3GND 1
Ground connection for the modulator circuits. Keep traces physically
short and connect immediately to ground plane for best performance.
4NC
5LO IN+
Balanced LO Input Pin. This pin is internally DC biased and should be
DC blocked if connected to a device with a DC level present. For single-
ended input operation, one pin is used as an input and the other LO
input is AC coupled to ground. The balanced input impedance is 100
Ω.
The single-ended input impedance is 50
Ω.
6LO IN-
Same as pin 4, except complementary input.
See pin 5.
7NC
8
VCC1
This pin is used to supply Vcc to the modulator circuits. A RF bypass
capacitor should be connected directly to this and ground.
9
GND2
Ground connection. This pin is used for RF ground of the power control
circuitry and the PA driver amplifier. Keep traces physically short and
connect immediately to ground plane for best performance.
10
VCC2
This pin is used to supply Vcc to the power control and pre amp cir-
cuitry. A RF bypass capacitor should be connected directly to this and
ground.
11
INSTGT
Interstage bias point between pre amp and power amp. This pin should
be pulleduptoVcc with an 8.2nH inductor for 915MHz.
See pin 18.
12
APC
Analog power control input. This pin can be used as a linear power out-
put control with a range of 20 dB. Maximum output power is achieved
when APC is high. APC is”wire-or’d” with the digital controls, therefore
should be low when using the digital control. The DC input voltage to
the pin should always be less than 3.6V.
13
PC 1
This digital power control input sets the medium current and power out-
put, 10mW. It is “wire-or’d” with APC and PC 2 and can be overcome
by either. Therefore, APC and PC 2 must be low to use this setting.
14
PC 2
This digital power control input set the high current and power output,
100mW. It is “wire-or’d” with APC and PC 1 and can override both of
those controls. Therefore, PC 2 must be low to use other settings.
15
TX PD
Enables all of the IC except for the LO buffer when > 2V.
16
PLLON
Enables the LO buffer amp when > 2V.This can be switched on and off
independently of the rest of the IC. This amp draws 1.5mA typi-
cally.This can be used to minimize load pulling of the VCO when the
transmitter is turned on. Buffer amp is off when < 1V.
17
GND3
Ground connection for RF Power Amp. Keep traces physically short
and connect immediately to ground plane for best performance.
18
GND4
Same as pin16.
BIAS
Q REF
Q SIG
BIAS
LO IN-
LO IN+
APC
PC 1
PC 2
TX PD
PLLON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com