Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF2909 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2909
Description  3V 915MHZ SPREAD-SPECTRUM TRANSMITTER IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2909 Datasheet(HTML) 6 Page - RF Micro Devices

  RF2909 Datasheet HTML 1Page - RF Micro Devices RF2909 Datasheet HTML 2Page - RF Micro Devices RF2909 Datasheet HTML 3Page - RF Micro Devices RF2909 Datasheet HTML 4Page - RF Micro Devices RF2909 Datasheet HTML 5Page - RF Micro Devices RF2909 Datasheet HTML 6Page - RF Micro Devices RF2909 Datasheet HTML 7Page - RF Micro Devices RF2909 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
11-108
RF2909
Rev B1 010904
11
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
+45°
-45°
Σ
DC
BIAS
PWR
CTRL
C1
10 nF
J1
QDATAB
C3
47 pF
J2
LO IN
C4
47 pF
J3
LO IN B
C5
47 pF
C7
47 pF
C6
10 nF
R1
10
Ω
VCC1
C9
47 pF
C8
10 nF
R2
10
Ω
VCC2
APC
PWRCTRL1
PWRCTRL2
TXCTRL
PLLCTRL
L1
2.2 nH
C2
10 nF
J6
IDATAB
C16
10 nF
J5
QMOD OUT
C10
4.0 pF
L3
10 nH
L2
3.9 nH
C12
33 pF
C11
3.0 pF
J4
RF OUT
C13
47 pF
C14
10 nF
C15
4.7 uF
VCC3
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
P1-1
P1-3
P1
VCC3
GND
1
2
3
PC2
P2-1
P2-3
P2
PC1
GND
1
2
3
TXCTRL
P3-1
P3-3
P3
PLLCTRL
GND
1
2
3
APC
P4-1
P4-3
P4
VCC2
GND
1
2
3
VCC1
2909400-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com