Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3131N30EC Datasheet(PDF) 13 Page - RICOH electronics devices division

Part # R3131N30EC
Description  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N30EC Datasheet(HTML) 13 Page - RICOH electronics devices division

Back Button R3131N30EC Datasheet HTML 9Page - RICOH electronics devices division R3131N30EC Datasheet HTML 10Page - RICOH electronics devices division R3131N30EC Datasheet HTML 11Page - RICOH electronics devices division R3131N30EC Datasheet HTML 12Page - RICOH electronics devices division R3131N30EC Datasheet HTML 13Page - RICOH electronics devices division R3131N30EC Datasheet HTML 14Page - RICOH electronics devices division R3131N30EC Datasheet HTML 15Page - RICOH electronics devices division R3131N30EC Datasheet HTML 16Page - RICOH electronics devices division R3131N30EC Datasheet HTML 17Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
12
• R3131N46××
××
××
××5-TR
[Topt=25°C]
Symbol
Item
Conditions
MIN.
TYP.
MAX.
Unit
VDDH
Maximum Operating Voltage
6.0
V
CMOS Output
IOH=-10µA
VDDL (*3) Minimum Operating Voltage
Nch Open Drain
Output
VDS=6.5V
0.90
1.00
V
VDET
Detector Threshold
4.581
4.650
4.719
V
ISS1
Supply Current1
VDD=6.00V
1.40
5.00
µA
ISS2
Supply Current2
VDD=4.75V
1.30
4.00
µA
ISS3
Supply Current3
VDD=4.55V
1.15
3.50
µA
VOH
“H” Output Voltage
VDD=4.55V, IOUT=-800µA
0.8×VDD 0.95×VDD
V
VOL
“L” Output Voltage
VDD=4.75V, IOUT=3.2mA
0.18
0.40
V
Tdelay
(*2)
Output Delay Time for
release
Refer to electrical characteristics by Output Delay Time for release
∆VDET/
∆Topt
Detector Threshold
Temperature Coefficient
-40°C ≤ Topt ≤ 85°C
±100
ppm/
°C
*1) Supply Voltage when Output Voltage becomes equal or less than 0.3V. (As for Nch Open Drain Output
type, pull-up resistor is 470k
Ω, pull-up voltage is 5.0V.
*2) Time interval of rising edge of VDD which is set from 1.0V to VDET+1.0V, and the point of which Output volt-
age reaches to 50% of final voltage.
*3) CMOS Output type; Supply Voltage when Output Voltage becomes equal or more than 0.8
×VDD.
Nch Open Drain type; Supply Voltage when off leakage current becomes equal or less than 0.1µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com