Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3131N30EC Datasheet(PDF) 21 Page - RICOH electronics devices division

Part # R3131N30EC
Description  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N30EC Datasheet(HTML) 21 Page - RICOH electronics devices division

Back Button R3131N30EC Datasheet HTML 17Page - RICOH electronics devices division R3131N30EC Datasheet HTML 18Page - RICOH electronics devices division R3131N30EC Datasheet HTML 19Page - RICOH electronics devices division R3131N30EC Datasheet HTML 20Page - RICOH electronics devices division R3131N30EC Datasheet HTML 21Page - RICOH electronics devices division R3131N30EC Datasheet HTML 22Page - RICOH electronics devices division R3131N30EC Datasheet HTML 23Page - RICOH electronics devices division R3131N30EC Datasheet HTML 24Page - RICOH electronics devices division R3131N30EC Datasheet HTML 25Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
20
TEST CIRCUITS
• Test Circuit for Supply Current
• Test Circuit for Detector Threshold
(CMOS Output type; pull-up part is not neces-
sary.)
ISS
VIN
VDD
OUT
R313
×N
Series
GND
VIN
VDD
VOUT
OUT
5V
470k
Ω
R313
×N
Series
GND
• Test Circuit for “H” Output Voltage
(CMOS Output Type only)
• Test Circuit for “L” Output Voltage
VIN
VDD
OUT
V
IOUT
VOH
R313
×N
Series
GND
VIN
VDD
OUT
V
IOUT
VOL
R313
×N
Series
GND
• Test Circuit for Off Leakage Current
• Test Circuit for Output Delay Time
(CMOS Output type; pull-up is not necessary.)
VIN
VDS
Ioz
VDD
OUT
R313
×N
Series
GND
VIN
Tdelay
R3131N Series
R3130N Series
VOUT
VDD
OUT
R313
×N
Series
GND
GND
Input
Voltage
Output
Voltage
GND
1.0V
(VDET)+1.0V
50%
100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com