Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3131N30EC Datasheet(PDF) 24 Page - RICOH electronics devices division

Part # R3131N30EC
Description  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N30EC Datasheet(HTML) 24 Page - RICOH electronics devices division

Back Button R3131N30EC Datasheet HTML 20Page - RICOH electronics devices division R3131N30EC Datasheet HTML 21Page - RICOH electronics devices division R3131N30EC Datasheet HTML 22Page - RICOH electronics devices division R3131N30EC Datasheet HTML 23Page - RICOH electronics devices division R3131N30EC Datasheet HTML 24Page - RICOH electronics devices division R3131N30EC Datasheet HTML 25Page - RICOH electronics devices division R3131N30EC Datasheet HTML 26Page - RICOH electronics devices division R3131N30EC Datasheet HTML 27Page - RICOH electronics devices division R3131N30EC Datasheet HTML 28Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
23
3)
Nch Driver Output Current vs. VDS
R3130N26
××
××
××
××3
R3130N29
××
××
××
××3
0.0
4
2
0
8
6
10
0.5
1.0
VDS[V]
1.5
2.0
VDD=2.0V
1.0V
0.0
4
2
0
8
6
10
0.5
1.0
VDS[V]
1.5
2.0
VDD=2.0V
1.0V
R3130N30
××
××
××
××8
R3130N40
××
××
××
××
0.0
4
2
0
8
6
10
0.5
1.0
VDS[V]
1.5
2.0
VDD=2.0V
1.0V
0.0
5
0
15
10
20
0.5
1.0
VDS[V]
1.5
3.0
2.0
2.5
VDD=3.0V
1.0V
2.0V
R3130N44
××
××
××
××
R3130N46
××
××
××
××5
VDS[V]
VDD=4.0V
1.0V
2.0V
3.0V
0.0
5
0
15
10
20
0.5
1.0
1.5
3.0
2.0
2.5
VDS[V]
VDD=4.0V
1.0V
2.0V
3.0V
0.0
5
0
15
10
20
0.5
1.0
1.5
3.0
2.0
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com