Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3131N30EC Datasheet(PDF) 15 Page - RICOH electronics devices division

Part # R3131N30EC
Description  Low Voltage Detector with built-in Delay Circuit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N30EC Datasheet(HTML) 15 Page - RICOH electronics devices division

Back Button R3131N30EC Datasheet HTML 11Page - RICOH electronics devices division R3131N30EC Datasheet HTML 12Page - RICOH electronics devices division R3131N30EC Datasheet HTML 13Page - RICOH electronics devices division R3131N30EC Datasheet HTML 14Page - RICOH electronics devices division R3131N30EC Datasheet HTML 15Page - RICOH electronics devices division R3131N30EC Datasheet HTML 16Page - RICOH electronics devices division R3131N30EC Datasheet HTML 17Page - RICOH electronics devices division R3131N30EC Datasheet HTML 18Page - RICOH electronics devices division R3131N30EC Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
14
ELECTRICAL CHARACTERISTICS BY DETECTOR THRESHOLD
• R3130N16EA/C to R3130N48EA/C
Detector Threshold
Supply Current 1
Supply Current 2
Supply Current 3
VDET (V)
ISS1 (µA)
ISS2 (µA)
ISS3 (µA)
Part Number
MIN.
TYP.
MAX.
Condition
TYP.
MAX.
Condition
TYP.
MAX.
Condition
TYP.
MAX.
R3130N16EA/C
1.576
1.600
1.624
R3130N17EA/C
1.675
1.700
1.725
R3130N18EA/C
1.773
1.800
1.827
R3130N19EA/C
1.872
1.900
1.928
R3130N20EA/C
1.970
2.000
2.030
R3130N21EA/C
2.069
2.100
2.131
R3130N22EA/C
2.167
2.200
2.233
R3130N23EA/C
2.266
2.300
2.334
1.20
1.00
R3130N24EA/C
2.364
2.400
2.436
R3130N25EA/C
2.463
2.500
2.537
R3130N26EA/C
2.561
2.600
2.639
R3130N27EA/C
2.660
2.700
2.740
R3130N28EA/C
2.758
2.800
2.842
R3130N29EA/C
2.857
2.900
2.943
R3130N30EA/C
2.955
3.000
3.045
R3130N31EA/C
3.054
3.100
3.146
R3130N32EA/C
3.152
3.200
3.248
R3130N33EA/C
3.251
3.300
3.349
R3130N34EA/C
3.349
3.400
3.451
R3130N35EA/C
3.448
3.500
3.552
1.25
1.10
R3130N36EA/C
3.546
3.600
3.654
R3130N37EA/C
3.645
3.700
3.755
R3130N38EA/C
3.743
3.800
3.857
R3130N39EA/C
3.842
3.900
3.958
R3130N40EA/C
3.940
4.000
4.060
R3130N41EA/C
4.039
4.100
4.161
R3130N42EA/C
4.137
4.200
4.263
R3130N43EA/C
4.236
4.300
4.364
R3130N44EA/C
4.334
4.400
4.466
R3130N45EA/C
4.433
4.500
4.567
R3130N46EA/C
4.531
4.600
4.669
R3130N47EA/C
4.630
4.700
4.770
R3130N48EA/C
4.728
4.800
4.872
VDD=6.0V
1.40
5.00
VDD=VDET
+0.1V
1.30
4.00
VDD=VDET
-0.1V
1.15
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com