Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C7031 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3C7031
Description  The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7031 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3C7031 Datasheet HTML 1Page - Samsung semiconductor S3C7031 Datasheet HTML 2Page - Samsung semiconductor S3C7031 Datasheet HTML 3Page - Samsung semiconductor S3C7031 Datasheet HTML 4Page - Samsung semiconductor S3C7031 Datasheet HTML 5Page - Samsung semiconductor S3C7031 Datasheet HTML 6Page - Samsung semiconductor S3C7031 Datasheet HTML 7Page - Samsung semiconductor S3C7031 Datasheet HTML 8Page - Samsung semiconductor S3C7031 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
S3C7031/7032
PRODUCT OVERVIEW
1-5
Table 1-1. S3C7031/7032 Pin Descriptions (Continued)
Pin Name
Pin Type
Description
Number
Share Pin
P2.0-P2.3
P3.0
P3.1
P3.2
P3.3
I/O
4-bit I/O port. 1-bit, 4-bit or 8-bit read/write and test is
possible. Pins are individually configurable as input
or output.
Pull-up resistors are individually assignable to input
pins by software and are automatically disabled for
output pins. Ports are software configurable as
n-channel open-drain outputs or push-pull output by
software.
Ports 2 and 3 can be paired to enable 8-bit data
transfer.
12-15
16
17
18
19
–-
SCK
SO
SI
BUZ
CLO
I/O
Eight frequency outputs
1
P0.0
TIO
I/O
External clock input or timer clock output
2
P0.1
INT1
I/O
External interrupts with rising or falling edge
detection
3
P0.2
KS0-KS3
I/O
Quasi-interrupts with falling edge detection
4-7
P1.0-P1.3
CIN0-CIN3
I/O
4-channel comparator input.
CIN0-CIN2: comparator input only.
CIN3: comparator input or external reference input
4-7
P1.0-P1.3
SCK
I/O
Serial interface clock signal
16
P3.0
SO
I/O
Serial data output
17
P3.1
SI
I/O
Serial data input
18
P3.2
BUZ
I/O
2 kHz, 4 kHz, 8 kHz, or 16 kHz frequency output at
4.19 MHz for buzzer sound
19
P3.3
XIN, XOUT
–-
Crystal, ceramic, or RC signal for system clock
9, 8
–-
RESET
I
Reset signal
11
–-
V
DD
–-
Power supply
20
–-
V
SS
–-
Ground
10
–-
Table 1-2. Overview of S3C7031/7032 Pin Data
Pin Numbers
Pin Names
Share Pins
I/O Type
Reset Value
Circuit Type
1-3
P0.0-P0.2
CLO, TIO, INT1
I/O
Input
2
4-7
P1.0-P1.3
KS0/CIN0-KS3/CIN3
I/O
Input
4
12-5
P2.0-P2.3
I/O
Input
3
16-19
P3.0-P3.3
SCK, SO, SI, BUZ
I/O
Input
3
11
RESET
–-
I
–-
1
20, 10
V
DD, VSS
–-
–-
–-
–-
9, 8
X
IN, XOUT
–-
–-
–-
–-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com