Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C7031 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3C7031
Description  The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7031 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3C7031 Datasheet HTML 1Page - Samsung semiconductor S3C7031 Datasheet HTML 2Page - Samsung semiconductor S3C7031 Datasheet HTML 3Page - Samsung semiconductor S3C7031 Datasheet HTML 4Page - Samsung semiconductor S3C7031 Datasheet HTML 5Page - Samsung semiconductor S3C7031 Datasheet HTML 6Page - Samsung semiconductor S3C7031 Datasheet HTML 7Page - Samsung semiconductor S3C7031 Datasheet HTML 8Page - Samsung semiconductor S3C7031 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
S3C7031/7032
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
OVER VIEW
The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsung's
newest 4-bit CPU core.
With comparator inputs, high-current LED direct-drive pins, serial I/O interface, and a versatile 8-bit
timer/counter, the S3C7031/7032 offers an excellent design solution for a wide range of applications such as
mouse controllers, subsystem controllers, and toys.
Up to 15 pins of the 20-pin DIP or 20-pin SOP package can be dedicated to I/O. Pull-up resistors are assignable
to all of the pins by software. Four vectored interrupts provide fast response to internal and external events.
In addition, the S3C7031/7032's advanced CMOS technology provides for very low power consumption and a
wide operating voltage range.
DEVELOPMENT SUPPORT
The Samsung Microcontroller Development System, SMDS, provides you with a complete PC-based
development environment for KS57-series microcontrollers that is powerful, reliable, and portable. In addition to
its easy to use window-oriented program development structure, the SMDS toolset includes versatile debugging,
trace, instruction timing, and performance measurement applications.
The Samsung Generalized Assembler (SAMA) has been designed specifically for the SMDS environment and
accepts assembly language sources in a variety of microprocessor formats.
SAMA generates industry-standard object files that also contain program control data for SMDS compatibility.


Similar Part No. - S3C7031

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C7044 SAMSUNG-S3C7044 Datasheet
249Kb / 38P
The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C7048 SAMSUNG-S3C7048 Datasheet
249Kb / 38P
The S3C7044/C7048 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Ar
S3C70F2 SAMSUNG-S3C70F2 Datasheet
271Kb / 38P
The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
S3C70F4 SAMSUNG-S3C70F4 Datasheet
271Kb / 38P
The S3C70F2/C70F4 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrange
More results

Similar Description - S3C7031

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57C01502 SAMSUNG-KS57C01502 Datasheet
308Kb / 36P
The KS57C01502/C01504 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arr
KS57C0301 SAMSUNG-KS57C0301 Datasheet
182Kb / 28P
The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
KS57C0404 SAMSUNG-KS57C0404 Datasheet
427Kb / 38P
The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung
KS57C21832 SAMSUNG-KS57C21832 Datasheet
274Kb / 34P
The KS57C21832 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeabl
KS57C2916 SAMSUNG-KS57C2916 Datasheet
154Kb / 35P
The KS57C2916 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3204 SAMSUNG-KS57C3204 Datasheet
306Kb / 38P
The KS57C3204 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
KS57C3316 SAMSUNG-KS57C3316 Datasheet
361Kb / 58P
The KS57C3316 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47 (Samsung Arrangeable
S3C7324 SAMSUNG-S3C7324 Datasheet
273Kb / 37P
The S3C7324 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7335 SAMSUNG-S3C7335 Datasheet
284Kb / 41P
The S3C7335 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core, SAM47
S3C7515 SAMSUNG-S3C7515 Datasheet
287Kb / 42P
The S3C7515/P7515 single-chip CMOS microcontroller has been designed for high-performance using Samsungs newest 4-bit CPU core, SAM47
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com