Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C7031 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3C7031
Description  The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7031 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3C7031 Datasheet HTML 17Page - Samsung semiconductor S3C7031 Datasheet HTML 18Page - Samsung semiconductor S3C7031 Datasheet HTML 19Page - Samsung semiconductor S3C7031 Datasheet HTML 20Page - Samsung semiconductor S3C7031 Datasheet HTML 21Page - Samsung semiconductor S3C7031 Datasheet HTML 22Page - Samsung semiconductor S3C7031 Datasheet HTML 23Page - Samsung semiconductor S3C7031 Datasheet HTML 24Page - Samsung semiconductor S3C7031 Datasheet HTML 25Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
S3C7031/7032
ELECTRICAL DATA
14-13
CHARACTERISTIC CURVES
NOTE
The characteristic values shown in the following graphs are based on actual test measurements. They do not,
however, represent guaranteed operating values.
VOL (V)
0.0
0.6
1.2
1.8
2.4
3.0
3.6
4.2
4.8
5.4
6.0
70
63
54
49
42
35
21
28
14
7
VDD = 4.5V
VDD = 6.0V
Figure 14-10. I
OL vs. VOL (Port 0,1,2,3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com