Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3C7031 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S3C7031
Description  The S3C7031/7032 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C7031 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S3C7031 Datasheet HTML 4Page - Samsung semiconductor S3C7031 Datasheet HTML 5Page - Samsung semiconductor S3C7031 Datasheet HTML 6Page - Samsung semiconductor S3C7031 Datasheet HTML 7Page - Samsung semiconductor S3C7031 Datasheet HTML 8Page - Samsung semiconductor S3C7031 Datasheet HTML 9Page - Samsung semiconductor S3C7031 Datasheet HTML 10Page - Samsung semiconductor S3C7031 Datasheet HTML 11Page - Samsung semiconductor S3C7031 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
PRODUCT OVERVIEW
S3C7031/7032
1-
8
Schmit Trigger
Typical 50 K
(VDD =5V)
Pull-up
Registor
VDD
Pull-up Enable
I/O
VDD
Output Disable
Data
VSS
Open-drain
+
In
Intk
(Quasi)
(Digital)
REF
(P1.3 Only)
In
(Analog)
Comparator
REF
Digital or Analog
Selectable by Software
P-CH
Figure 1-6. Pin Circuit Type 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com