Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F5529 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5529
Description  MIXED SIGNAL MICROCONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F5529 Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSP430F5529 Datasheet HTML 51Page - Texas Instruments MSP430F5529 Datasheet HTML 52Page - Texas Instruments MSP430F5529 Datasheet HTML 53Page - Texas Instruments MSP430F5529 Datasheet HTML 54Page - Texas Instruments MSP430F5529 Datasheet HTML 55Page - Texas Instruments MSP430F5529 Datasheet HTML 56Page - Texas Instruments MSP430F5529 Datasheet HTML 57Page - Texas Instruments MSP430F5529 Datasheet HTML 58Page - Texas Instruments MSP430F5529 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 115 page
background image
0
4
8
12
16
20
24
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
Px.y
CC
V
– Low-Level Output Voltage – V
OL
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
Px.y
CC
V
– Low-Level Output Voltage – V
OL
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T = 25°C
A
T = 85°C
A
V
= 3.0 V
Px.y
CC
V
– High-Level Output Voltage – V
OH
-20
-16
-12
-8
-4
0
0.0
0.5
1.0
1.5
2.0
T = 25°C
A
T = 85°C
A
V
= 1.8 V
Px.y
CC
V
– High-Level Output Voltage – V
OH
MSP430F551x
MSP430F552x
www.ti.com
SLAS590D – OCTOBER 2009 – REVISED APRIL 2010
Typical Characteristics – Outputs, Full Drive Strength (PxDS.y = 1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TYPICAL LOW-LEVEL OUTPUT CURRENT
TYPICAL LOW-LEVEL OUTPUT CURRENT
vs
vs
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 6.
Figure 7.
TYPICAL HIGH-LEVEL OUTPUT CURRENT
TYPICAL HIGH-LEVEL OUTPUT CURRENT
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
Figure 8.
Figure 9.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com