Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CDR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CDR Datasheet(HTML) 5 Page - Texas Instruments

  TL431CDR Datasheet HTML 1Page - Texas Instruments TL431CDR Datasheet HTML 2Page - Texas Instruments TL431CDR Datasheet HTML 3Page - Texas Instruments TL431CDR Datasheet HTML 4Page - Texas Instruments TL431CDR Datasheet HTML 5Page - Texas Instruments TL431CDR Datasheet HTML 6Page - Texas Instruments TL431CDR Datasheet HTML 7Page - Texas Instruments TL431CDR Datasheet HTML 8Page - Texas Instruments TL431CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
Vref TOLERANCE (25°C) = 1%
TL431A, TL432A ORDERING INFORMATION(1)
TOP-SIDE
TA
PACKAGE(2)
ORDERABLE PART NUMBER
MARKING(3)
PDIP (P)
Tube of 50
TL431ACP
TL431ACP
SC-70 (DCK)
Reel of 3000
TL431ACDCKR
T4_
Reel of 250
TL431ACDCKT
SOIC (D)
Tube of 75
TL431ACD
431AC
Reel of 2500
TL431ACDR
SOP (PS)
Reel of 2000
TL431ACPSR
T431A
SOT-23-5 (DBV)
Reel of 3000
TL431ACDBVR
TAC_
Reel of 250
TL431ACDBVT
Reel of 3000
TL432ACDBVR
T4B_
Reel of 250
TL432ACDBVT
SOT-23-3 (DBZ)
Reel of 3000
TL431ACDBZR
TAC_
0°C to 70°C
Reel of 250
TL431ACDBZT
Reel of 3000
TL432ACDBZR
T4B_
Reel of 250
TL432ACDBZT
SOT-89 (PK)
Reel of 1000
TL431ACPK
4A
TL432ACPK
2D
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431ACLP
TL431AC
Ammo of 2000, formed lead
TL431ACLPM
Reel of 2000, formed lead
TL431ACLPR
Reel of 2000, formed lead
TL431ACLPRE3
TSSOP (PW)
Tube of 150
TL431ACPW
T431A
Reel of 2000
TL431ACPWR
PDIP (P)
Tube of 50
TL431AIP
TL431AIP
SC-70 (DCK)
Reel of 3000
TL431AIDCKR
T5_
Reel of 250
TL431AIDCKT
SOIC (D)
Tube of 75
TL431AID
431AI
Reel of 2500
TL431AIDR
SOT-23-5 (DBV)
Reel of 3000
TL431AIDBVR
TAI_
Reel of 250
TL431AIDBVT
Reel of 3000
TL432AIDBVR
T4A_
Reel of 250
TL432AIDBVT
-40°C to 85°C
SOT-23-3 (DBZ)
Reel of 3000
TL431AIDBZR
TAI_
Reel of 250
TL431AIDBZT
Reel of 3000
TL432AIDBZR
T4A_
Reel of 250
TL432AIDBZT
SOT-89 (PK)
Reel of 1000
TL431AIPK
4B
TL432AIPK
2E
TO-226/TO-92 (LP)
Bulk of 1000, straight lead
TL431AILP
TL431AI
Ammo of 2000, formed lead
TL431AILPM
Reel of 2000, formed lead
TL431AILPR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com