Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CDR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CDR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CDR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL431CDR Datasheet HTML 9Page - Texas Instruments TL431CDR Datasheet HTML 10Page - Texas Instruments TL431CDR Datasheet HTML 11Page - Texas Instruments TL431CDR Datasheet HTML 12Page - Texas Instruments TL431CDR Datasheet HTML 13Page - Texas Instruments TL431CDR Datasheet HTML 14Page - Texas Instruments TL431CDR Datasheet HTML 15Page - Texas Instruments TL431CDR Datasheet HTML 16Page - Texas Instruments TL431CDR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
where:
D
TA is the rated operating temperature range of the device.
Maximum V
ref
Minimum V
ref
∆TA
VI(dev)
a
V
ref
ppm
°C
V
I(dev)
V
at 25 C
ref
°
× 10
6
T
A
(
( =
(
(
∆I
KA
∆V
KA
|z | =
KA
∆I
∆V
|z'| =
R2
R1
|z |
KA
(1 +
(
(2)
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is given by:
which is approximately equal to
.
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, TA = 25°C (unless otherwise noted)
TL431Q, TL432Q
PARAMETER
TEST CIRCUIT
TEST CONDITIONS
UNIT
MIN
TYP
MAX
Vref
Reference voltage
Figure 1
VKA = Vref, IKA = 10 mA
2440
2495
2550
mV
Deviation of reference input
VI(dev)
voltage over full temperature
Figure 1
VKA = Vref, IKA = 10 mA, TA = 0°C to 70°C
14
34
mV
range(1)
Ratio of change in reference
ΔVKA = 10 V − Vref
-1.4
-2.7
ΔVref /
voltage to the change in
Figure 2
IKA = 10 mA
mV/V
ΔVKA
ΔVKA = 36 V − 10 V
-1
-2
cathode voltage
Iref
Reference input current
Figure 2
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
Deviation of reference input
IKA = 10 mA, R1 = 10 kΩ, R2 = ∞,
II(dev)
current over full temperature
Figure 2
0.8
2.5
µA
TA = 0°C to 70°C
range(1)
Minimum cathode current for
Imin
Figure 1
VKA = Vref
0.4
1
mA
regulation
Ioff
Off-state cathode current
Figure 3
VKA = 36 V, Vref = 0
0.1
1
µA
|zKA|
Dynamic impedance(2)
Figure 1
VKA = Vref, f ≤ 1 kHz, IKA = 1 mA to 100 mA
0.2
0.5
Ω
(1)
The deviation parameters Vref(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage aVref is defined as:
aVref is positive or negative, depending on whether minimum Vref or maximum Vref, respectively, occurs at the lower temperature.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com