Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CDR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CDR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TL431CDR Datasheet HTML 19Page - Texas Instruments TL431CDR Datasheet HTML 20Page - Texas Instruments TL431CDR Datasheet HTML 21Page - Texas Instruments TL431CDR Datasheet HTML 22Page - Texas Instruments TL431CDR Datasheet HTML 23Page - Texas Instruments TL431CDR Datasheet HTML 24Page - Texas Instruments TL431CDR Datasheet HTML 25Page - Texas Instruments TL431CDR Datasheet HTML 26Page - Texas Instruments TL431CDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
1.5
1
0.5
0
−75
−25
0
50
2
OFF-STATE CATHODE CURRENT
vs
FREE-AIR TEMPERATURE
2.5
100
125
−50
25
75
TA − Free-Air Temperature − °C
VKA = 36 V
Vref = 0
−1.15
−1.25
−1.35
−1.45
−1.05
− 0.95
RATIO OF DELTA REFERENCE VOLTAGE TO
DELTA CATHODE VOLTAGE
vs
FREE-AIR TEMPERATURE
− 0.85
TA − Free-Air Temperature − °C
−75
−25
0
50
100
125
−50
25
75
VKA = 3 V to 36 V
180
140
120
100
10
100
1 k
220
240
f − Frequency − Hz
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
260
10 k
100 k
200
160
IO = 10 mA
TA = 25°C
TL431, TL431A, TL431B
TL432, TL432A, TL432B
www.ti.com
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
Figure 8.
Figure 9.
Figure 10.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com