Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL431CDR
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431CDR Datasheet(HTML) 2 Page - Texas Instruments

  TL431CDR Datasheet HTML 1Page - Texas Instruments TL431CDR Datasheet HTML 2Page - Texas Instruments TL431CDR Datasheet HTML 3Page - Texas Instruments TL431CDR Datasheet HTML 4Page - Texas Instruments TL431CDR Datasheet HTML 5Page - Texas Instruments TL431CDR Datasheet HTML 6Page - Texas Instruments TL431CDR Datasheet HTML 7Page - Texas Instruments TL431CDR Datasheet HTML 8Page - Texas Instruments TL431CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
CATHODE
ANODE
REF
TL431 . . . KTP (PowerFLEX
/TO-252) PACKAGE
(TOP VIEW)
TL431A, TL431B . . . DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
NC − No internal connection
TL431, TL431A, TL431B . . . LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
TL431, TL431A, TL431B
TL432, TL432A, TL432B
SLVS543K – AUGUST 2004 – REVISED JUNE 2010
www.ti.com
DESCRIPTION/ORDERING INFORMATION
The TL431 and TL432 are three-terminal adjustable shunt regulators, with specified thermal stability over
applicable automotive, commercial, and military temperature ranges. The output voltage can be set to any value
between Vref (approximately 2.5 V) and 36 V, with two external resistors (see Figure 17). These devices have a
typical output impedance of 0.2
Ω. Active output circuitry provides a very sharp turn-on characteristic, making
these devices excellent replacements for Zener diodes in many applications, such as onboard regulation,
adjustable power supplies, and switching power supplies. The TL432 has exactly the same functionality and
electrical specifications as the TL431, but has different pinouts for the DBV, DBZ, and PK packages.
Both the TL431 and TL432 devices are offered in three grades, with initial tolerances (at 25°C) of 0.5%, 1%, and
2%, for the B, A, and standard grade, respectively. In addition, low output drift vs temperature ensures good
stability over the entire temperature range.
The TL43xxC devices are characterized for operation from 0°C to 70°C, the TL43xxI devices are characterized
for operation from –40°C to 85°C, and the TL43xxQ devices are characterized for operation from –40°C to
125°C.
2
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com