Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC654EVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC654EVB
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654EVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC654EVB Datasheet HTML 1Page - Semtech Corporation SC654EVB Datasheet HTML 2Page - Semtech Corporation SC654EVB Datasheet HTML 3Page - Semtech Corporation SC654EVB Datasheet HTML 4Page - Semtech Corporation SC654EVB Datasheet HTML 5Page - Semtech Corporation SC654EVB Datasheet HTML 6Page - Semtech Corporation SC654EVB Datasheet HTML 7Page - Semtech Corporation SC654EVB Datasheet HTML 8Page - Semtech Corporation SC654EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Electrical Characteristics (continued)
SC654
Parameter
Symbol
Conditions
Min
Typ
Max
Units
SemPulse Interface
Input High Threshold
V
IH
V
IN
= 5.5V
1.6
V
Input Low Threshold
V
IL
V
IN
= 2.9V
0.4
V
Input High Current
I
IH
V
IN
= 5.5V
-1
+1
μA
Input Low Current
I
IL
V
IN
= 5.5V
-1
+1
μA
Start up Time(5)
t
SU
Only required when leaving shutdown mode
1
ms
Bit Pulse Duration(6)
t
HI
0.75
250
μs
Duration Between Pulses(6)
t
LO
0.75
250
μs
Hold Time - Address(6)
t
HOLDA
Software limit — SPIF must be held high for this
amount of time to latch the data
550
5000
μs
Hold Time - Data(6)
t
HOLDD
Software limit — SPIF must be held high for this
amount of time to latch the address
550
μs
Bus Reset Time (6)
t
BR
Software Limit — SPIF must be held high for this
amount of time to force a bus system reset
12
ms
Shutdown Time (7)
t
SD
Software Limit — SPIF must be held low for this
amount of time to disable device
10
ms
Notes:
(1)
Capacitors are MLCC of X5R type. Production tested with higher value capacitors than the application requires
(2)
SPIF is high for more than 10ms to place serial bus in standby mode
(3)
Current matching is defined as ± [I
BL(MAX)
- I
BL(MIN
] / [I
BL(MAX)
+ I
BL(MIN)
].
(4)
Test voltage is V
OUT
= 4.0V — a relatively extreme LED voltage — to force a transition during test. Typically V
F
= 3.2V for white LEDs.
(5)
The SemPulse start-up time is the minimum time that the SPIF pin must be held high to enable the part before starting communication.
(6)
The source driver used to provide the SemPulse Output must meet these limits.
(7)
The SemPulse shutdown time is the minimum time that the SPIF pin must be pulled low to shut the part down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com