Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC654EVB Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC654EVB
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654EVB Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC654EVB Datasheet HTML 6Page - Semtech Corporation SC654EVB Datasheet HTML 7Page - Semtech Corporation SC654EVB Datasheet HTML 8Page - Semtech Corporation SC654EVB Datasheet HTML 9Page - Semtech Corporation SC654EVB Datasheet HTML 10Page - Semtech Corporation SC654EVB Datasheet HTML 11Page - Semtech Corporation SC654EVB Datasheet HTML 12Page - Semtech Corporation SC654EVB Datasheet HTML 13Page - Semtech Corporation SC654EVB Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
Applications Information
SC654
General Description
This design is optimized for handheld applications sup-
plied from a single Li-ion cell and includes the following
key features:
A high efficiency fractional charge pump that
supplies power to all LEDs
Six matched current sinks that control LED back-
lighting current, providing 0mA to 25mA per
LED
LEDs can be grouped in up to three indepen-
dently controlled banks
High Current Fractional Charge Pump
The backlight outputs are supported by a high efficiency,
high current fractional charge pump output. The charge
pump multiplies the input voltage by 1x, 1.5x, or 2x. The
charge pump switches at a fixed frequency of 250kHz in
1.5x and 2x modes and is disabled in 1x mode to save
power and improve efficiency.
The mode selection circuit automatically selects the mode
as 1x, 1.5x, or 2x based on circuit conditions such as LED
voltage, input voltage, and load current. The 1x mode is
the most efficient of the three modes, followed by 1.5x
and 2x modes. Circuit conditions such as low input voltage,
high output current, or high LED voltage place a higher
demand on the charge pump output. A higher numerical
mode (1.5x or 2x) may be needed momentarily to main-
tain regulation at the OUT pin during intervals of high
demand. The charge pump responds to momentary high
demands, setting the charge pump to the optimum mode
to deliver the output voltage and load current while opti-
mizing efficiency. Hysteresis is provided to prevent mode
toggling.
The charge pump requires two bucket capacitors for
proper operation. One capacitor must be connected
between the C1+ and C1- pins and the other must be
connected between the C2+ and C2- pins as shown in
the Typical Application Circuit diagram. These capacitors
should be equal in value, with a minimum capacitance of
1μF to support the charge pump current requirements.
The device also requires at least 1μF of capacitance on
the IN pin and at least 1μF of capacitance on the OUT
•
•
•
pin to minimize noise and support the output current
requirements of up to 90mA. For output currents higher
than 90mA, a nominal value of 4.7μF is recommended for
C
OUT
and C
IN
. Capacitors with X7R or X5R ceramic dielectric
are strongly recommended for their low ESR and superior
temperature and voltage characteristics. Y5V capacitors
should not be used as their temperature coefficients make
them unsuitable for this application.
It is important to ensure the minimum capacitance value
of each capacitor does not drop below 1μF. This may
require the use of 2.2μF capacitors to be sure that the
degradation of capacitance due to DC voltage does not
cause the capacitance to go below 1μF.
LED Backlight Current Sinks
The backlight current is set via the SemPulse interface. The
current is regulated to one of 29 values between 0mA and
25mA. The step size varies depending upon the current
setting. Between 0mA and 5mA, the step size is 0.5mA.
The step size increases to 1mA for settings between 5mA
and 21mA. Steps are 2mA between 21mA and 25mA. The
variation in step size allows finer adjustment for dimming
functions in the low current setting range and coarse
adjustment at higher current settings where small current
changes are not visibly noticeable in LED brightness. A
zero setting is also included to allow the current sink to be
disabled by writing to either the enable bit or the current
setting register for maximum flexibility.
All backlight current sinks have matched currents, even
when there is a variation in the forward voltages (ΔV
F
) of
the LEDs. A ΔV
F
difference of 1.0V is supported when the
input voltage is at 2.9V. Higher ΔV
F
LED mis-match is sup-
ported when V
IN
is higher than 2.9V. All current sink
outputs are compared and the lowest output is used for
setting the voltage regulation at the OUT pin. This is done
to ensure that sufficient bias exists for all LEDs.
The backlight LEDs default to the off state upon power-
up. For backlight applications using less than six LEDs, any
unused output must be left open and the unused LED must
remain disabled. When writing to the backlight enable
register, a zero (0) must be written to the corresponding
bit of any unused output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com