Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC654EVB Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC654EVB
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654EVB Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC654EVB Datasheet HTML 7Page - Semtech Corporation SC654EVB Datasheet HTML 8Page - Semtech Corporation SC654EVB Datasheet HTML 9Page - Semtech Corporation SC654EVB Datasheet HTML 10Page - Semtech Corporation SC654EVB Datasheet HTML 11Page - Semtech Corporation SC654EVB Datasheet HTML 12Page - Semtech Corporation SC654EVB Datasheet HTML 13Page - Semtech Corporation SC654EVB Datasheet HTML 14Page - Semtech Corporation SC654EVB Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
11
Applications Information (continued)
SC654
Backlight Quiescent Current
The quiescent current required to operate all backlights is
reduced when the backlight current is set to 4.0mA or less.
This feature results in higher efficiency under light-load
conditions. Further reduction in quiescent current will
result from using fewer than the maximum number of
LEDs.
LED Banks
The LEDs can be grouped in up to three independently
controlled LED banks. Using the SemPulse interface, the
six LED drivers can be grouped as described in the
Backlight Grouping Configuration subsection. The banks
can be used to provide up to three different current
options. This can be useful for controlling keypad, display,
and auxiliary backlight operation from one SC654 device.
The LED banks provide versatility by allowing backlights
to be controlled independently. For example, applications
that have a main and sub display may also need to supply
an indicator LED. The three bank option allows the SC654
to control each function with different current settings.
Another application involves backlighting two displays
and a keypad, each requiring different brightness settings.
A third scenario requires supplying different brightness
levels to different types of LEDs (such as RGB) to create
display effects. In all applications, the brightness level for
each LED can be set independently.
Backlight Fade-in / Fade-out Function
The SC654 contains bits that control the fade state of the
main bank. When enabled, the fade function causes the
backlight settings to step from their current state to the
next programmed state as soon as the new state is stored
in its register. For example, if the backlight is set at 25mA
and the next setting is the off state, the backlight will step
from 25mA down to 0mA using all settings at the fade rate
specified by the bits in register 04h. The same is true when
turning on or increasing the backlight current — the
backlight current will step from the present level to the
new level at the step rate defined in register 04h. This
process applies to the main display only.
The fade rate may be changed dynamically when a fade
operation is active by writing new values to the fade reg-
ister. When a new backlight level is written during an
ongoing fade operation, the fade will be redirected to the
new value from the present state. An ongoing fade opera-
tion may be cancelled by disabling fade which will result
in the backlight current changing immediately to the final
value. If fade is disabled, the current level will change
immediately without the fade delay.
The state diagram in Figure 1 describes the fade opera-
tion. More details can be found in the Register Map
section.
Write FADE=0
Write new
bright level
FADE=0
No change
Write
FADE=0
FADE=1
Fade
processing
(1)
Write new
bright
level
Write new
bright level
Fade is redirected
toward the new value
from current state
Fade
begins
Fade
ends
Write
FADE=1
FADE=1
FADE=0
Immediate
change to
new bright
level
Fade=0
Write
Fade=1
No
change
Write
FADE=1
No
change
Immediate
change to new
bright level
Write
new fade
rate
Continue
fade using
new rate
Note:
(1) When the data in backlight
enable register 00h is not 00h
Figure 1 — State Diagram for Fade Function
Fade-In from Off State
When the initial state of the backlight enable register is
00h (all backlights off ), fading to an on state is accom-
plished by following the steps listed in Table 1. Following
these steps explicitly will ensure that the fade-in opera-
tion will proceed with no interruption at the rate specified
in the Main Fade register (04h). This procedure must be
followed regardless of which backlight grouping configu-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com