Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC654EVB Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC654EVB
Description  Light Management Unit for 6 LEDs with SemPulseTM Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC654EVB Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC654EVB Datasheet HTML 12Page - Semtech Corporation SC654EVB Datasheet HTML 13Page - Semtech Corporation SC654EVB Datasheet HTML 14Page - Semtech Corporation SC654EVB Datasheet HTML 15Page - Semtech Corporation SC654EVB Datasheet HTML 16Page - Semtech Corporation SC654EVB Datasheet HTML 17Page - Semtech Corporation SC654EVB Datasheet HTML 18Page - Semtech Corporation SC654EVB Datasheet HTML 19Page - Semtech Corporation SC654EVB Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Register Map(1)
SC654
Address
D5
D4
D3
D2
D1
D0
Reset
Value
Description
00h
BLEN6
BLEN5
BLEN4
BLEN3
BLEN2
BLEN1
00h
Backlight Enable
01h
0(2)
MBL4
MBL3
MBL2
MBL1
MBL0
00h
Main Backlight Current
02h
0(2)
SBL4
SBL3
SBL2
SBL1
SBL0
00h
Sub Backlight Current
03h
0(2)
TBL4
TBL3
TBL2
TBL1
TBL0
00h
Third Backlight Current
04h
0(2)
0(2)
0(2)
0(2)
MFADE1
MFADE0
00h
Main Fade
05h
0(2)
0(2)
0(2)
MB2
MB1
MB0
00h
Backlight Grouping Configuration
Definition of Registers and Bits
BL Enable Control Register (00h)
This register enables each individual LED.
BLEN6 — BLEN1 [D5:D0]
These active high bits enable the six backlight drivers.
Each LED can be controlled independently.
Notes:
(1)
all registers are write-only.
(2)
0 = always write a 0 to these bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com