Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11206 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 4Page - Maxim Integrated Products MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products MAX11206 Datasheet HTML 10Page - Maxim Integrated Products MAX11206 Datasheet HTML 11Page - Maxim Integrated Products MAX11206 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8 ______________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Pin Description
Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
GPIO1
GPIO4
CLK
SCLK
RDY/DOUT
DIN
CS
DVDD
AVDD
TOP VIEW
QSOP
GPIO2
GPIO3
REFN
GND
REFP
AINN
AINP
+
MAX11206
MAX11207
PIN
NAME
FUNCTION
1
GPIO1
General-Purpose I/O 1. Register controllable using SPI.
2
GPIO2
General-Purpose I/O 2. Register controllable using SPI.
3
GPIO3
General-Purpose I/O 3. Register controllable using SPI.
4
GND
Ground. Ground reference for analog and digital circuitry.
5
REFP
Differential Reference Positive Input. REFP must be more positive than REFN. Connect REFP to a voltage
between AVDD and GND.
6
REFN
Differential Reference Negative Input. REFN must be more negative than REFP. Connect REFN to a volt-
age between AVDD and GND.
7
AINN
Negative Fully Differential Analog Input
8
AINP
Positive Fully Differential Analog Input
9
AVDD
Analog Supply Voltage. Connect a supply voltage between +2.7V and +3.6V with respect to GND.
10
DVDD
Digital Supply Voltage. Connect a digital supply voltage between +1.7V and +3.6V with respect to GND.
11
CS
Active-Low, Chip-Select Logic Input
12
DIN
Serial-Data Input. Data present at DIN is shifted to the device’s internal registers at the rising edge of the
serial clock at SCLK, when the device is accessed for an internal register write or for a command opera-
tion.
13
RDY/DOUT
Data Ready Output/Serial-Data Output. This output serves a dual function. In addition to the serial-data
output function, the RDY/DOUT also indicates that the data is ready when the RDY is logic-low. RDY/
DOUT changes on the falling edge of SCLK.
14
SCLK
Serial-Clock Input. Apply an external serial clock to SCLK.
15
CLK
External Clock Signal Input. When external clock mode is selected (EXTCLK = 1), provide a 2.4576MHz
or 2.048MHz clock signal at CLK. Other frequencies can be used, but the data rate and digital filter
notch frequencies scale accordingly.
16
GPIO4
General-Purpose I/O 4. Register controllable using SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com