Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11206 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11206 Datasheet HTML 2Page - Maxim Integrated Products MAX11206 Datasheet HTML 3Page - Maxim Integrated Products MAX11206 Datasheet HTML 4Page - Maxim Integrated Products MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products MAX11206 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6 ______________________________________________________________________________________
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
Typical Operating Characteristics (continued)
(VAVDD = 3.6V, VDVDD = 1.8V, VREFP - VREFN = 2.5V; internal clock; TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25NC.)
CMRR vs. FREQUENCY
FREQUENCY (Hz)
10,000
1000
100
10
-120
-100
-80
-60
-40
-20
0
-140
1
100,000
10sps
120sps
PSRR vs. FREQUENCY
(DATA RATE 10sps)
FREQUENCY (Hz)
10,000
1000
100
10
-120
-100
-80
-60
-40
-20
0
-140
1
100,000
DVDD
AVDD
PSRR vs. FREQUENCY
(DATA RATE 120sps)
FREQUENCY (Hz)
10,000
1000
100
10
-120
-100
-80
-60
-40
-20
0
-140
1
100,000
DVDD
AVDD
TUE vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.0
1.5
0.5 1.0
-1.5 -1.0 -0.5 0
-2.0
-8
-6
-4
-2
0
2
4
6
8
10
-10
-2.5
2.5
TA = +85°C
TA = -45°C
TA = +25°C
VIN(CM) = 1.8V
INTEGRAL NONLINEARITY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
2.0
1.5
0.5 1.0
-1.5 -1.0 -0.5 0
-2.0
-8
-6
-4
-2
0
2
4
6
8
10
-10
-2.5
2.5
TA = +85°C
TA = -45°C
TA = +25°C
VIN(CM) = 1.8V
INTERNAL OSCILLATOR FREQUENCY
vs. AVDD VOLTAGE
AVDD VOLTAGE (V)
3.45
3.15
3.30
3.00
2.85
1.7
1.6
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
1.5
2.70
3.60
LINEF = 1
LINEF = 0
INTERNAL OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
75
55
15
35
-5
-25
1.7
1.6
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
1.5
-45
95
VAVDD = 3.0V
LINEF = 1
LINEF = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com