Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11206 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11206
Description  20-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with Programmable Gain and GPIO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11206 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11206 Datasheet HTML 1Page - Maxim Integrated Products MAX11206 Datasheet HTML 2Page - Maxim Integrated Products MAX11206 Datasheet HTML 3Page - Maxim Integrated Products MAX11206 Datasheet HTML 4Page - Maxim Integrated Products MAX11206 Datasheet HTML 5Page - Maxim Integrated Products MAX11206 Datasheet HTML 6Page - Maxim Integrated Products MAX11206 Datasheet HTML 7Page - Maxim Integrated Products MAX11206 Datasheet HTML 8Page - Maxim Integrated Products MAX11206 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
_______________________________________________________________________________________ 3
20-Bit, Single-Channel, Ultra-Low-Power, Delta-
Sigma ADCs with Programmable Gain and GPIO
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +3.6V, VDVDD = +1.7V, VREFP - VREFN = VAVDD; internal clock, single-cycle mode (SCYCLE = 1), TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25NC under normal conditions, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Absolute Input Voltage
Low input voltage
Buffers disabled
VGND -
30mV
V
Buffers enabled
VGND +
100mV
High input voltage
Buffers disabled
VAVDD +
30mV
Buffers enabled
VAVDD -
100mV
DC Input Leakage
Sleep mode
Q
1
F
A
AIN Dynamic Input Current
Buffer disabled
Q
1.4
F
A/V
Buffer enabled
Q
20
nA
REF Dynamic Input Current
Buffer disabled
Q
2.1
F
A/V
Buffer enabled
Q
30
nA
AIN Input Capacitance
Buffer disabled
5
pF
REF Input Capacitance
Buffer disabled
7.5
pF
AIN Voltage Range
Unipolar
0
VREF
V
Bipolar
-VREF
+VREF
Input Sampling Rate
fS
LINEF = 0
246
kHz
LINEF = 1
204.8
REF Voltage Range
Buffers disabled
0
VAVDD
V
Buffers enabled
0.1
VAVDD
- 0.1
REF Sampling Rate
LINEF = 0
246
kHz
LINEF = 1
204.8
LOGIC INPUTS (SCLK, CLK, DIN, GPIO1–GPIO4)
Input Current
Input leakage current
Q
1
F
A
Input Low Voltage
VIL
0.3 x
VDVDD
V
Input High Voltage
VIH
0.7 x
VDVDD
V
Input Hysteresis
VHYS
200
mV
External Clock
60Hz line frequency
2.4576
MHz
55Hz line frequency
2.25275
50Hz line frequency
2.048
LOGIC OUTPUTS (RDY/DOUT, GPIO1–GPIO4)
Output Low Level
VOL
IOL = 1mA; also tested for VDVDD = 3.6V
0.4
V
Output High Level
VOH
IOH = 1mA; also tested for VDVDD = 3.6V
0.9 x
VDVDD
V
Leakage Current
High-impedance state
Q
500
nA
Output Capacitance
High-impedance state
9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com